Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 29 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 25Page - Analog Devices LTC7802EUFDM Datasheet HTML 26Page - Analog Devices LTC7802EUFDM Datasheet HTML 27Page - Analog Devices LTC7802EUFDM Datasheet HTML 28Page - Analog Devices LTC7802EUFDM Datasheet HTML 29Page - Analog Devices LTC7802EUFDM Datasheet HTML 30Page - Analog Devices LTC7802EUFDM Datasheet HTML 31Page - Analog Devices LTC7802EUFDM Datasheet HTML 32Page - Analog Devices LTC7802EUFDM Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTC7802
29
Rev. 0
For more information www.analog.com
6. Keep the switching nodes (SW1, SW2), top gate nodes
(TG1, TG2), and boost nodes (BOOST1, BOOST2) away
from sensitive small-signal nodes, especially from the
other channel’s voltage and current sensing feedback
pins. All of these nodes have very large and fast-moving
signals and therefore should be kept on the output side
of the LTC7802 and occupy minimum PC trace area.
Minimize the inductance of the TG and BG gate drive
traces and their respective return paths to the controller
IC (SW and GND) by using wide traces and multiple
parallel vias.
7. Use a modified star ground technique: a low imped-
ance, large copper area central grounding point on the
same side of the PC board as the input and output
capacitors with tie-ins for the bottom of the INTVCC
decoupling capacitor, the bottom of the voltage feed-
back resistive divider and the GND pin of the IC.
For more detailed layout guidance, see Analog Devices
Application Notes AN136 “PCB Layout Considerations
for Non-Isolated Switching Power Supplies” and AN139
“Power Supply Layout and EMI”.
PC Board Layout Debugging
Start with one controller on at a time. It is helpful to use
a DC-50MHz current probe to monitor the current in the
inductor while testing the circuit. Monitor the output
switching node (SW pin) to synchronize the oscilloscope
to the internal oscillator and probe the actual output
voltage as well. Check for proper performance over the
operating voltage and current range expected in the appli-
cation. The frequency of operation should be maintained
over the input voltage range down to dropout and until
the output load drops below the low current operation
threshold—typically 25% of the maximum designed cur-
rent level in Burst Mode operation.
The duty cycle percentage should be maintained from
cycle to cycle in a well-designed, low noise PCB imple-
mentation. Variation in the duty cycle at a subharmonic
rate can suggest noise pickup at the current or voltage
sensing inputs or inadequate loop compensation.
Overcompensation of the loop can be used to tame a
poor PC layout if regulator bandwidth optimization is not
required. Only after each controller is checked for its indi-
vidual performance should both controllers be turned on
at the same time. A particularly difficult region of opera-
tion is when one controller channel is nearing its current
comparator trip point when the other channel is turning
on its top MOSFET. This occurs around 50% duty cycle
on either channel due to the phasing of the internal clocks
and may cause minor duty cycle jitter.
Reduce VIN from its nominal level to verify operation
of the regulator in dropout. Check the operation of the
undervoltage lockout circuit by further lowering VIN while
monitoring the outputs to verify operation. Investigate
whether any problems exist only at higher output cur-
rents or only at higher input voltages. If problems coincide
with high input voltages and low output currents, look for
capacitive coupling between the BOOST, SW, TG, and pos-
sibly BG connections and the sensitive voltage and current
pins. The capacitor placed across the current sensing pins
needs to be placed immediately adjacent to the pins of
the IC. This capacitor helps to minimize the effects of dif-
ferential noise injection due to high frequency capacitive
coupling. If problems are encountered with high current
output loading at lower input voltages, look for inductive
coupling between CIN, the top MOSFET, and the bottom
MOSFET components to the sensitive current and voltage
sensing traces. In addition, investigate common ground
path voltage pickup between these components and the
GND pin of the IC.
An embarrassing problem, which can be missed in an
otherwise properly working switching regulator, results
when the current sensing leads are hooked up backwards.
The output voltage under this improper hookup will still
be maintained but the advantages of current mode control
will not be realized. Compensation of the voltage loop
will be much more sensitive to component selection. This
behavior can be investigated by temporarily shorting out
the current sensing resistor—don’t worry, the regulator
will still maintain control of the output voltage.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com