Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 12Page - Analog Devices LTC7802EUFDM Datasheet HTML 13Page - Analog Devices LTC7802EUFDM Datasheet HTML 14Page - Analog Devices LTC7802EUFDM Datasheet HTML 15Page - Analog Devices LTC7802EUFDM Datasheet HTML 16Page - Analog Devices LTC7802EUFDM Datasheet HTML 17Page - Analog Devices LTC7802EUFDM Datasheet HTML 18Page - Analog Devices LTC7802EUFDM Datasheet HTML 19Page - Analog Devices LTC7802EUFDM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC7802
16
Rev. 0
For more information www.analog.com
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.
Using the maximum inductor current (IL(MAX)) and ripple
current (ΔIL) from the Inductor Value Calculation section,
the target sense resistor value is:
RSENSE(EQUIV) =
VSENSE(MAX)
ILMAX+
ΔIL
2
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, choose
the minimum value for VSENSE(MAX) in the Electrical
Characteristics table.
Next, determine the DCR of the inductor. When provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of copper resistance, which is approximately
0.4%/°C. A conservative value for TL(MAX) is 100°C. To
scale the maximum inductor DCR to the desired sense
resistor value, use the divider ratio:
RD =
RSENSE(EQUIV)
DCRMAX atTL(MAX)
C1 is usually selected to be in the range of 0.1μF to 0.47μF.
This forces R1||R2 to around 2k, reducing error that might
have been caused by the SENSE+ pin’s ≈1μA current.
The target equivalent resistance R1||R2 is calculated from
the nominal inductance, C1 value, and DCR:
R1!R2 =
L
(DCR at 20
°C) • C1
The sense resistor values are:
R1
=
R1!R2
RD
; R2
=
R1•RD
1
−RD
The maximum power loss in R1 is related to duty cycle and
occurs in continuous mode at the maximum input voltage:
PLOSS R1=
(VIN(MAX) − VOUT)• VOUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing
or sense resistors. Light load power loss can be mod-
estly higher with a DCR network than with a sense resis-
tor, due to the extra switching losses incurred through
R1. However, DCR sensing eliminates a sense resistor,
reduces conduction losses and provides higher efficiency
at heavy loads. Peak efficiency is about the same with
either method.
APPLICATIONS INFORMATION
Figure 2. Current Sensing Methods
(2a) Using a Resistor to Sense Current
(2b) Using the Inductor DCR to Sense Current
7802 F02b
LTC7802
BOOST
TG
SW
BG
SENSE1, 2+
SENSE1, 2–
GND
VIN1,2
VOUT1,2
C1*
R2
*PLACE C1 NEAR SENSE PINS
RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR
CF
RF
L
RSENSE ESL
LTC7802
SW
BG
BOOST
TG
SENSE1,2+
SENSE1,2–
VOUT1,2
VIN1,2
PLACE RF AND CF NEAR SENSE PINS
SENSE RESISTOR
WITH PARASITIC
INDUCTANCE
RF*CF = ESL/RSENSE
POLE-ZERO
CANCELLATION
7802 F02a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com