Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 2 Page - Analog Devices

  LTC7802EUFDM Datasheet HTML 1Page - Analog Devices LTC7802EUFDM Datasheet HTML 2Page - Analog Devices LTC7802EUFDM Datasheet HTML 3Page - Analog Devices LTC7802EUFDM Datasheet HTML 4Page - Analog Devices LTC7802EUFDM Datasheet HTML 5Page - Analog Devices LTC7802EUFDM Datasheet HTML 6Page - Analog Devices LTC7802EUFDM Datasheet HTML 7Page - Analog Devices LTC7802EUFDM Datasheet HTML 8Page - Analog Devices LTC7802EUFDM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC7802
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 40V
BOOST1, BOOST2...................................... –0.3V to 46V
Switch Voltage (SW1, SW2).......................... –5V to 40V
RUN1, RUN2 Voltages................................ –0.3V to 40V
EXTVCC Voltage ......................................... –0.3V to 30V
INTVCC Voltage ............................................ –0.3V to 6V
(BOOST1–SW1), (BOOST2–SW2)................ –0.3V to 6V
SENSE1+, SENSE1– Voltages...................... –0.3V to 40V
SENSE2+, SENSE2– Voltages ..................... –0.3V to 40V
TRACK/SS1, VFB1 Voltages.......................... –0.3V to 6V
TRACK/SS2, VFB2 Voltages.......................... –0.3V to 6V
MODE, PGOOD1, PGOOD2 Voltages ............ –0.3V to 6V
PLLIN/SPREAD, FREQ Voltages................... –0.3V to 6V
ITH1, ITH2 Voltages ..................................... –0.3V to 2V
BG1, BG2, TG1, TG2........................................... (Note 9)
Operating Junction Temperature Range (Notes 2, 8)
LTC7802E, LTC7802I ......................... –40°C to 125°C
LTC7802J, LTC7802H ........................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
TOP VIEW
UFDM PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
6
5
4
3
2
1
SENSE1+
SENSE1–
FREQ
MODE
RUN1
RUN2
SENSE2–
SENSE2+
SW1
BOOST1
BG1
VIN
EXTVCC
INTVCC
BG2
BOOST2
28 27 26
GND
29
25 24 23
7
17
18
19
20
21
22
16
8
15
9 10 11 12 13 14
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7802EUFDM#PBF
LTC7802EUFDM#TRPBF
7802
28-Lead (4mm × 5mm) Plastic QFN
−40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC7802IUFDM#WPBF
LTC7802IUFDM#WTRPBF
7802
28-Lead (4mm × 5mm) Plastic QFN
−40°C to 125°C
LTC7802JUFDM#WPBF
LTC7802JUFDM#WTRPBF 7802
28-Lead (4mm × 5mm) Plastic QFN
−40°C to 150°C
LTC7802HUFDM#WPBF
LTC7802HUFDM#WTRPBF 7802
28-Lead (4mm × 5mm) Plastic QFN
−40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com