Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 5Page - Analog Devices LTC7802EUFDM Datasheet HTML 6Page - Analog Devices LTC7802EUFDM Datasheet HTML 7Page - Analog Devices LTC7802EUFDM Datasheet HTML 8Page - Analog Devices LTC7802EUFDM Datasheet HTML 9Page - Analog Devices LTC7802EUFDM Datasheet HTML 10Page - Analog Devices LTC7802EUFDM Datasheet HTML 11Page - Analog Devices LTC7802EUFDM Datasheet HTML 12Page - Analog Devices LTC7802EUFDM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC7802
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
INTVCC pins and the BOOST2 and INTVCC pins. Voltage
swing at the BOOST pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 22,14): Switch Node Connections to
Inductors.
TG1, TG2 (Pins 23,13): High Current Gate Drives for Top
N Channel MOSFETs. These are the outputs of floating
drivers with a voltage swing of INTVCC superimposed on
the switch node voltage SW.
PGOOD1, PGOOD2 (Pins 24,12): Open-Drain Power
Good Outputs. The VFB1,2 pins are monitored to ensure
that VOUT1,2 are in regulation. When VOUT is not within
±10% of its regulation point, the corresponding PGOOD
pin is pulled low.
TRACK/SS1, TRACK/SS2 (Pins 26,11): External Tracking
and Soft-Start Input. The LTC7802 regulates the VFB1,2
voltage to the lesser of 0.8V or the voltage on the TRACK/
SS1,2 pin. Internal 12.5µA pull-up current sources are
connected to these pins. A capacitor to ground sets the
start-up ramp time to the final regulated output voltage.
The ramp time is equal to 0.65ms for every 10nF of capac-
itance. Alternatively, a resistor divider on another voltage
supply connected to the TRACK/SS pins allows the
LTC7802 output to track the other supply during start-up.
ITH1, ITH2 (Pins 27,10): Error Amplifier Outputs and
Switching Regulator Compensation Points. Each asso-
ciated channel’s current comparator trip point increases
with this control voltage. Place compensation compo-
nents between the ITH pins and ground.
VFB1, VFB2 (Pins 28,9): Controller Feedback Inputs.
Connect an external resistor divider between the output
voltage and the VFB pin to set the regulated output voltage.
Tie VFB2 to INTVCC to configure the channels for a 2-phase
single output application, in which both channels share
VFB1, ITH1, and TRACK/SS1.
GND (Exposed Pad Pin 29): Ground. Connects to the
sources of the bottom N-Channel MOSFETs and the (–)
terminal(s) of decoupling capacitors. The exposed pad
must be soldered to PCB ground for rated electrical and
thermal performance.
Tying this pin to INTVCC forces continuous inductor cur-
rent operation. Tying this pin to INTVCC through a 100k
resistor selects pulse-skipping operation.
RUN1, RUN2 (Pins 5,6): Run Control Inputs for Each
Controller. Forcing either of these pins below 1.1V disables
switching of the corresponding controller. Forcing both of
these pins below 0.7V shuts down the entire LTC7802,
reducing quiescent current to approximately 1.5µA. These
pins can be tied to VIN for always-on operation. Do not
float the RUN pins.
INTVCC (Pin 17): Output of the Internal 5.1V Low Dropout
Regulator. The driver and control circuits are powered by
this supply. Must be decoupled to ground with a minimum
of 4.7μF ceramic or tantalum capacitor.
EXTVCC (Pin 18): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 4.7V. See INTVCC Regulators in the
Applications Information section. Do not exceed 30V on
this pin. Connect this pin to ground if the EXTVCC LDO
is not used.
VIN (Pin 19): Main Bias Input Supply Pin. A bypass capac-
itor should be tied between this pin and GND.
PLLIN/SPREAD (Pin 25): External Synchronization Input
and Spread Spectrum Selection. When an external clock
is applied to this pin, the phase-locked loop will force the
rising TG1 signal to be synchronized with the rising edge
of the external clock. When an external clock is present, the
regulators operate in pulse-skipping mode if it is selected
by the MODE pin, or in forced continuous mode otherwise.
When not synchronizing to an external clock, tie this input
to INTVCC to enable spread spectrum dithering of the oscil-
lator or to ground to disable spread spectrum.
BG1, BG2 (Pins 20,16): High Current Gate Drives for
Bottom (Synchronous) N-Channel MOSFETs. Voltage
swing at these pins is from ground to INTVCC.
BOOST1, BOOST2 (Pins 21,15): Bootstrapped Supplies to
the Top Side Floating Drivers. Connect capacitors between
the corresponding BOOST and SW pins for each channel.
Also connect Schottky diodes between the BOOST1 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com