Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 25 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 21Page - Analog Devices LTC7802EUFDM Datasheet HTML 22Page - Analog Devices LTC7802EUFDM Datasheet HTML 23Page - Analog Devices LTC7802EUFDM Datasheet HTML 24Page - Analog Devices LTC7802EUFDM Datasheet HTML 25Page - Analog Devices LTC7802EUFDM Datasheet HTML 26Page - Analog Devices LTC7802EUFDM Datasheet HTML 27Page - Analog Devices LTC7802EUFDM Datasheet HTML 28Page - Analog Devices LTC7802EUFDM Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTC7802
25
Rev. 0
For more information www.analog.com
3. I2R losses are predicted from the DC resistances of the
input fuse (if used), MOSFET, inductor, current sense
resistor, and input and output capacitor ESR. In contin-
uous mode the average output current flows through
L and RSENSE, but is chopped between the top and
bottom MOSFETs. If the two MOSFETs have approx-
imately the same RDS(ON), then the resistance of one
MOSFET can simply be summed with the resistances
of L, RSENSE and ESR to obtain I2R losses.
For example, if each RDS(ON) = 30mΩ, RL = 50mΩ,
RSENSE = 10mΩ and ESR = 40mΩ (sum of both input
and output capacitance losses), then the total resis-
tance is 130mΩ. This results in losses ranging from
3% to 13% as the output current increases from 1A to
5A for a 5V output, or a 4% to 20% loss for a 3.3V out-
put. This percentage loss varies as the inverse square
of VOUT for the same external components and output
power level. The combined effects of increasingly lower
output voltages and higher currents required by high
performance digital systems is not doubling but qua-
drupling the importance of loss terms in the switching
regulator system!
4. Transition losses apply only to the top MOSFETs and
become significant only when operating at higher
input voltages (typically 15V or greater). Transition
losses can be estimated from the equation for the
main switch power dissipation in the Power MOSFET
Selection section.
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is very
important to include these system level losses during the
design phase. The internal battery and fuse resistance
losses can be minimized by making sure that CIN has ade-
quate charge storage and very low ESR at the switching
frequency. A 25W supply will typically require a minimum
of 20μF to 40μF of capacitance having a maximum of
20mΩ to 50mΩ of ESR. The LTC7802 2-phase architec-
ture typically halves this input capacitance requirement
over competing solutions. Other losses including induc-
tor core losses generally account for less than 2% total
additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ΔILOAD • (ESR), where ESR is the effective
series resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capaci-
tance and ESR values. The availability of the ITH pin not
only allows optimization of control loop behavior, but it
also provides a DC coupled and AC filtered closed loop
response test point. The DC step, rise time and settling
at this test point truly reflects the closed loop response.
Assuming a predominantly second order system, phase
margin and/or damping factor can be estimated using the
percentage of overshoot seen at this pin. The bandwidth
can also be estimated by examining the rise time at the
pin. The ITH external components shown in the Typical
Applications circuits provide an adequate starting point
for most applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
(from 0.5 to 2 times their initial values) to optimize tran-
sient response once the final PC layout is done and the
particular output capacitor type and value have been
determined. The output capacitors need to be selected
because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80%
of full-load current having a rise time of 1μs to 10μs will
produce output voltage and ITH pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop.
Placing a power MOSFET directly across the output
capacitor and driving the gate with an appropriate signal
generator is a practical way to produce a realistic load
step condition. The initial output voltage step resulting
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com