Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 19 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 15Page - Analog Devices LTC7802EUFDM Datasheet HTML 16Page - Analog Devices LTC7802EUFDM Datasheet HTML 17Page - Analog Devices LTC7802EUFDM Datasheet HTML 18Page - Analog Devices LTC7802EUFDM Datasheet HTML 19Page - Analog Devices LTC7802EUFDM Datasheet HTML 20Page - Analog Devices LTC7802EUFDM Datasheet HTML 21Page - Analog Devices LTC7802EUFDM Datasheet HTML 22Page - Analog Devices LTC7802EUFDM Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC7802
19
Rev. 0
For more information www.analog.com
where δ is the temperature dependency of RDS(ON) (δ ≈
0.005/°C) and RDR is the effective driver resistance at the
MOSFET’s Miller threshold voltage (RDR ≈ 2Ω). VTHMIN is
the typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the main N-channel
equations include an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rap-
idly increase to the point that the use of a higher RDS(ON)
device with lower CMILLER actually provides higher effi-
ciency. The synchronous MOSFET losses are greatest at
high input voltage when the top switch duty factor is low
or during a short-circuit when the synchronous switch is
on close to 100% of the period.
CIN and COUT Selection
The selection of CIN is simplified by the 2-phase archi-
tecture and its impact on the worst-case RMS current
drawn through the input network (battery/fuse/capacitor).
It can be shown that the worst-case capacitor RMS cur-
rent occurs when only one controller is operating. The
controller with the highest VOUT • IOUT product needs to
be used in the equation below to determine the maximum
RMS capacitor current requirement.
Increasing the output current drawn from the other con-
troller will actually decrease the input RMS ripple current
from its maximum value. The out-of-phase technique typ-
ically reduces the input capacitor’s RMS ripple current by
a factor of 30% to 70% when compared to a single-phase
power supply solution.
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle VOUT/VIN. To pre-
vent large voltage transients, a low ESR capacitor sized
for the maximum RMS current of one channel must be
used. At maximum load current IMAX, the maximum RMS
capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
(
) VIN − VOUT
(
)
⎡⎣
⎤⎦
1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that capacitor manufacturers’
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the capac-
itor, or to choose a capacitor rated at a higher temperature
than required. Several capacitors may be paralleled to
meet size or height requirements in the design. Due to
the high operating frequency of the LTC7802, ceramic
capacitors can also be used for CIN. Always consult the
manufacturer if there is any question.
The benefit of the LTC7802 2-phase operation can be
calculated by using this equation for the higher power
controller and then calculating the loss that would have
resulted if both controller channels switched on at the
same time. The total RMS power lost is lower when both
controllers are operating due to the reduced overlap of
current pulses required through the input capacitor’s
ESR. This is why the input capacitor’s requirement cal-
culated above for the worst-case controller is adequate
for the dual controller design. Also, the input protection
fuse resistance, battery resistance, and PC board trace
resistance losses are also reduced due to the reduced
peak currents in a 2-phase system. The overall benefit of
a multiphase design will only be fully realized when the
source impedance of the power supply/battery is included
in the efficiency testing.
The drains of the top MOSFETs should be placed within 1cm
of each other and share a common CIN(s). Separating the
drains and CIN may produce undesirable resonances at VIN.
A small (0.1μF to 1μF) bypass capacitor between the
chip VIN pin and ground, placed close to the LTC7802, is
also suggested. An optional 1Ω to 10Ω resistor placed
between CIN and the VIN pin provides further isolation
from a noisy input supply.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
ΔVOUT ≈ ΔIL ESR +
1
8fCOUT
⎛
⎝⎜
⎞
⎠⎟
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com