Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 18 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 14Page - Analog Devices LTC7802EUFDM Datasheet HTML 15Page - Analog Devices LTC7802EUFDM Datasheet HTML 16Page - Analog Devices LTC7802EUFDM Datasheet HTML 17Page - Analog Devices LTC7802EUFDM Datasheet HTML 18Page - Analog Devices LTC7802EUFDM Datasheet HTML 19Page - Analog Devices LTC7802EUFDM Datasheet HTML 20Page - Analog Devices LTC7802EUFDM Datasheet HTML 21Page - Analog Devices LTC7802EUFDM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC7802
18
Rev. 0
For more information www.analog.com
In general, the requirements of each application will dictate
the appropriate choice for light-load operating mode. In
Burst Mode operation, the inductor current is not allowed
to reverse. The reverse current comparator turns off the
bottom MOSFET just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the regulator operates in discontinuous operation.
In addition, when the load current is very light, the inductor
current will begin bursting at frequencies lower than the
switching frequency and enter a low current sleep mode
when not switching. As a result, Burst Mode operation has
the highest possible efficiency at light load.
In forced continuous mode, the inductor current is
allowed to reverse at light loads and switches at the same
frequency regardless of load. In this mode, the efficiency
at light loads is considerably lower than in Burst Mode
operation. However, continuous operation has the advan-
tage of lower output voltage ripple and less interference
to audio circuitry. In forced continuous mode, the output
ripple is independent of load current.
In pulse-skipping mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the PWM
comparator may remain tripped for several cycles and
force the top MOSFET to stay off for the same number of
cycles (i.e., skipping pulses). The inductor current is not
allowed to reverse (discontinuous operation). This mode,
like forced continuous operation, exhibits low output rip-
ple as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
light load efficiency than forced continuous mode, but not
nearly as high as Burst Mode operation. Consequently,
pulse-skipping mode represents a compromise between
light load efficiency, output ripple and EMI.
In some applications, it may be desirable to change light load
operating mode based on the conditions present in the sys-
tem. For example, if a system is inactive, one might select
high efficiency Burst Mode operation by keeping the MODE
pin set to 0V. When the system wakes, one might send an
external clock to PLLIN/SPREAD, or tie MODE to INTVCC to
switch to low noise forced continuous mode. Such on-the-fly
mode changes can allow an individual application to benefit
from the advantages of each light load operating mode.
Power MOSFET Selection
Two external power MOSFETs must be selected for each
controller in the LTC7802: one N-channel MOSFET for
the top (main) switch and one N-channel MOSFET for
the bottom (synchronous) switch. The peak-to-peak
gate drive levels are set by the INTVCC regulation point of
5.1V. Consequently, logic level threshold MOSFETs must
be used in most applications. Pay close attention to the
BVDSS specification for the MOSFETs as well; many of the
logic level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the on
resistance RDS(ON), Miller capacitance CMILLER, input
voltage, and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
MAIN SWITCH DUTY CYCLE =
VOUT
VIN
SYNCHRONOUS SWITCH DUTY CYCLE =
VIN – VOUT
VIN
The MOSFET power dissipations at maximum output cur-
rent are given by:
PMAIN_BUCK =
VOUT
VIN
IOUT(MAX)
(
)2 1+δ
(
)RDS(ON) +
(VIN)2
IOUT(MAX)
2
⎛
⎝⎜
⎞
⎠⎟
(RDR)(CMILLER)•
1
VINTVCC − VTHMIN
+
1
VTHMIN
⎡
⎣
⎢
⎤
⎦
⎥(f)
PSYNC_BUCK =
VIN − VOUT
VIN
IOUT(MAX)
(
)2 1+δ
(
)RDS(ON)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com