Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 51Page - STMicroelectronics L6986I Datasheet HTML 52Page - STMicroelectronics L6986I Datasheet HTML 53Page - STMicroelectronics L6986I Datasheet HTML 54Page - STMicroelectronics L6986I Datasheet HTML 55Page - STMicroelectronics L6986I Datasheet HTML 56Page - STMicroelectronics L6986I Datasheet HTML 57Page - STMicroelectronics L6986I Datasheet HTML 58Page - STMicroelectronics L6986I Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Contents
1
Application schematic .............................................................2
2
Pin connection ....................................................................3
2.1
Maximum ratings ............................................................... 4
3
Electrical characteristics...........................................................5
4
Functional description .............................................................8
4.1
Primary side ................................................................... 8
4.1.1
Power supply and voltage reference .......................................... 9
4.1.2
Switchover feature ...................................................... 10
4.1.3
Voltage monitor ......................................................... 10
4.1.4
Error amplifier .......................................................... 10
4.2
Transformer .................................................................. 10
4.3
Secondary side ............................................................... 10
4.4
Iso-buck operation principle ..................................................... 11
4.5
Soft-start and inhibit ........................................................... 12
4.6
Minimum On-Time............................................................. 14
4.7
Output voltage line regulation ................................................... 16
4.8
Output voltage load regulation................................................... 18
4.9
Overcurrent protection ......................................................... 19
4.10
Overvoltage protection ......................................................... 21
4.11
Thermal shutdown............................................................. 22
5
Closing the loop ..................................................................23
5.1
GCO(s)control to output transfer function .......................................... 23
5.2
Error amplifier compensation network ............................................ 24
5.3
Voltage divider ................................................................ 25
5.4
Total loop gain ................................................................ 25
5.5
Compensation network design .................................................. 26
6
Application notes .................................................................28
6.1
Output voltage adjustment ...................................................... 28
6.2
Switching frequency ........................................................... 29
L6986I
Contents
DS13647 - Rev 1
page 55/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com