Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 34Page - STMicroelectronics L6986I Datasheet HTML 35Page - STMicroelectronics L6986I Datasheet HTML 36Page - STMicroelectronics L6986I Datasheet HTML 37Page - STMicroelectronics L6986I Datasheet HTML 38Page - STMicroelectronics L6986I Datasheet HTML 39Page - STMicroelectronics L6986I Datasheet HTML 40Page - STMicroelectronics L6986I Datasheet HTML 41Page - STMicroelectronics L6986I Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Figure 43. Primary (blue) winding current, secondary (pink) winding current and magnetizing current
(black)
ILsec
ILpri
ILpri_pos_peak
ILsec_peak
ILpri_neg_peak
LX
Therefore, setting the current ripple ΔIL, the inductance is so defined:
Lpri = VIN−VOUT_pri∙VOUT_pri
VIN∙fSW∙∆IL
(39)
As example, assuming IOUT_prim = 500 mA, IOUT_sec = 100 mA, N= 5, the current ripple can be set around 30% of
the total current IOUT_pri + N×IOUT_sec = 1 A, therefore 300 mA. If VIN = 12 V, VOUT_pri = 5 V and fSW = 500 kHz,
the inductor value should be 19.4 µH (→ 18 µH or 22 µH the closest standardized value).
Peak and RMS current
As any inductor, peak and RMS current for each winding must be calculated in order to define saturation and
RMS currents that the transformer should fulfill.
For the primary winding, the equations below are valid:
Ipri_pos_peak = IOUT_pri+IOUT_secN+ΔIpri2
(40)
Ipri_RMS = IOUT_pri+IOUT_secN∙ 1+112∙ ΔIpri∙N
N∙IOUT_pri+IOUT_sec
(41)
For the secondary winding the peak current can change depending on the leakage inductance. In the picture
below secondary winding current waveforms with different leakage inductances are simulated. It is evident
how the peak current can significantly vary. Considering the target leakage inductance value for an iso-buck
(recommended up to 1% of the primary inductance), the waveform can be approximated with a sawtooth shape
and the peak and RMS currents can be hence estimated as:
Isec_pos_peak = 2∙IOUT_sec
1−D
(42)
Isec_RMS = Isec_pos_peak∙ 1−D3
(43)
The equation (44) emphasizes what mentioned about the recommended duty cycle.
A duty cycle higher than 50-60% significantly increases the peak current in the secondary winding (see figure
below). Furthermore, this affects the negative peak current at the primary side (see Figure 44).
L6986I
Design of the external components
DS13647 - Rev 1
page 38/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com