Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 39Page - STMicroelectronics L6986I Datasheet HTML 40Page - STMicroelectronics L6986I Datasheet HTML 41Page - STMicroelectronics L6986I Datasheet HTML 42Page - STMicroelectronics L6986I Datasheet HTML 43Page - STMicroelectronics L6986I Datasheet HTML 44Page - STMicroelectronics L6986I Datasheet HTML 45Page - STMicroelectronics L6986I Datasheet HTML 46Page - STMicroelectronics L6986I Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
8
Application board
The reference evaluation board schematic is shown in the figure below.
Figure 51. STEVAL-A6986IV1 evaluation board schematic
optional circuitry
for improved load regulation
C21
TP6
VOUT1
U2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
R12
R13
R8
R3
R1
C20
C12
TP7
GND1
R18
R16
Q1
D1
2
1
L4
U3
C17
C4
C18
VISO-
GNDiso
TP11
GND2
C15
GND2
U1
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
GND1
C16
TP4
GNDpri
C11
TP10
VISO-
R11
L3
VISO+
R2
GND1
TP12
VOUT2
TP5
VIN
C19
C13
D3
EMI FIlter
R17
GND2
C5
GND1
TP8
VISO+
TP9
GNDiso
Figure 52. STEVAL-L6986IV1 evaluation board schematic
optional circuitry
for improved load regulation
TP6
VOUT1
GND1
R12
R13
R8
R3
R1
C20
C12
TP7
GND1
C21
R16
Q1
D1
2
1
L4
U3
C17
C4
C18
VISO-
GNDiso
TP11
GND2
C15
GND2
U1
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
GND1
C16
TP4
GNDpri
C11
TP10
VISO-
R11
L3
VISO+
R2
R18
TP12
VOUT2
TP5
VIN
C19
C13
R17
D3
EMI FIlters
U4
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
GND2
C5
GND1
TP8
VISO+
TP9
GNDiso
Figure 53. STEVAL-A6986IV2 evaluation board schematic
TP6
VOUT1
U2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
R12
R13
R18
R8
R3
R1
C20
C21
TP7
GND1
R16
Q1
D1
2
1
L4
U3
C17
C4
C18
GNDiso
TP11
GND2
C15
GND2
U1
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
GND1
C16
TP4
GNDpri
C11
R11
L3
VISO+
R2
GND1
TP12
VOUT2
TP5
VIN
C19
C13
R17
EMI FIlter
GND2
C5
GND1
TP8
VISO+
TP9
GNDiso
optional circuitry
for improved load regulation
The additional input filter (C20, L4, C18, L3, C19) limits the conducted emission on the power supply. In case the
filter is not necessary or should be by-passed for any test, a 0 Ω resistor can be placed at R16.
The evaluation board of the iso-buck is available with three different assemblies, mainly differentiated by the
isolation of the transformer (3.3 kV / 1.5 kV) and the isolated output options (single or dual voltage), as
summarized in the following table.
L6986I
Application board
DS13647 - Rev 1
page 43/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com