Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 57 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 52Page - STMicroelectronics L6986I Datasheet HTML 53Page - STMicroelectronics L6986I Datasheet HTML 54Page - STMicroelectronics L6986I Datasheet HTML 55Page - STMicroelectronics L6986I Datasheet HTML 56Page - STMicroelectronics L6986I Datasheet HTML 57Page - STMicroelectronics L6986I Datasheet HTML 58Page - STMicroelectronics L6986I Datasheet HTML 59Page - STMicroelectronics L6986I Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 4
Table 3.
Thermal data....................................................................... 4
Table 4.
ESD protection ..................................................................... 4
Table 5.
Electrical characteristics (TJ = 25 °C, VIN = 12 V unless otherwise specified). .......................... 5
Table 6.
fSW selection (TJ = 25 °C, VIN = 12 V unless otherwise specified). .................................. 7
Table 7.
RST threshold selection (TJ = 25 °C, VIN = 12 V unless otherwise specified)............................ 7
Table 8.
Uncompensated error amplifier characteristics............................................... 10
Table 9.
Example of oscillator frequency selection .................................................. 33
Table 10.
Type of the evaluation boards .......................................................... 44
Table 11.
BOM of the evaluation boards .......................................................... 44
Table 12.
HTSSOP16 mechanical data ........................................................... 52
Table 13.
Ordering information................................................................. 53
Table 14.
Document revision history ............................................................. 54
L6986I
List of tables
DS13647 - Rev 1
page 57/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com