Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 26Page - STMicroelectronics L6986I Datasheet HTML 27Page - STMicroelectronics L6986I Datasheet HTML 28Page - STMicroelectronics L6986I Datasheet HTML 29Page - STMicroelectronics L6986I Datasheet HTML 30Page - STMicroelectronics L6986I Datasheet HTML 31Page - STMicroelectronics L6986I Datasheet HTML 32Page - STMicroelectronics L6986I Datasheet HTML 33Page - STMicroelectronics L6986I Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
6.3
Voltage supervisor
The embedded voltage supervisor (composed of the RST and the DELAY pins) monitors the regulated output
voltage and keeps the RST open collector output in low impedance as long as the VOUT is out of regulation (i.e.
lower than 93% of the target output voltage). In order to ensure a proper reset of digital devices with a valid power
supply, the device can delay the RST assertion with a programmable time.
Figure 34. Voltage supervisor operation
When the RST comparator detects the output voltage is in regulation, a 2 mA internal current source starts to
charge an external capacitor to implement a voltage ramp on the DELAY pin. The RST open collector is then
released as soon as VDELAY = 1.234 V (see Figure 35). The CDELAY is dimensioned as follows.
CDELAY=ISSCH∙TDELAY
VDELAY =2μA∙TDELAY
1.234V
(28)
The maximum suggested capacitor value is 270 nF.
The L6986I also activates internal pull-down on RST pin in case overvoltage protection is triggered. As soon as
the output voltage goes below OVP threshold (20% typ.), the 2 µA internal current source starts to charge an
external capacitor to implement a voltage ramp on the DELAY pin. The RST open collector is then released as
soon as VDELAY = 1.234 V (see figure below).
Figure 35. Voltage supervisor operation during OVP
L6986I
Voltage supervisor
DS13647 - Rev 1
page 30/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com