Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 10Page - STMicroelectronics L6986I Datasheet HTML 11Page - STMicroelectronics L6986I Datasheet HTML 12Page - STMicroelectronics L6986I Datasheet HTML 13Page - STMicroelectronics L6986I Datasheet HTML 14Page - STMicroelectronics L6986I Datasheet HTML 15Page - STMicroelectronics L6986I Datasheet HTML 16Page - STMicroelectronics L6986I Datasheet HTML 17Page - STMicroelectronics L6986I Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Figure 10. Enable the device with external voltage step
More details about the component selection can be found in Section 6.5 Design of the external components.
Secondary side soft-start
As soon as the soft-start begins at the primary circuit, the device already operates in forced PWM and the
energy transfer to the secondary coil during the off-time can take place. Consequently, a tracked soft-start at the
secondary side takes place too. Therefore, the secondary output voltage reaches its steady state value in tracking
with the primary output voltage, as shown in figure below.
Figure 11. Tracked soft-start at secondary side
4.6
Minimum On-Time
The current sense in the high-side MOSFET is not active (masked) for a certain time at the beginning to the
on-time (masking time, from which the parameter TON MIN derives).
This current sense blanking time is implemented to prevent any primary side pulsed current at the high side
turn-on (resonating with transformer drive leakage inductance and secondary side capacitance) overcomes the
EA programmed switch current for the conversion and make to conversion unstable (depicted in Figure 12 and
Figure 13. Simulation with appropriate masking time (330 ns)).
L6986I
Minimum On-Time
DS13647 - Rev 1
page 14/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com