Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 38Page - STMicroelectronics L6986I Datasheet HTML 39Page - STMicroelectronics L6986I Datasheet HTML 40Page - STMicroelectronics L6986I Datasheet HTML 41Page - STMicroelectronics L6986I Datasheet HTML 42Page - STMicroelectronics L6986I Datasheet HTML 43Page - STMicroelectronics L6986I Datasheet HTML 44Page - STMicroelectronics L6986I Datasheet HTML 45Page - STMicroelectronics L6986I Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
7
Application example
The target of this section is to show a typical application example as well as to describe the expected
performances.
The schematic below depicts a typical application where an isolated voltage (single) together with a not isolated
voltage is required.
Figure 49. Typical schematic with load applied to both the isolated and not isolated outputs
signal GND
power GND
T1
CCOMP
COUT_pri
CIN
VOUT_sec+
CSS
VIN
CP
R2
CIN
R1
D1
L6986I
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
VOUT_pri
RCOMP
CVCC
COUT_sec
VOUT_sec-
R8
C15
LOAD
(isolation
required)
LOAD
(isolation not required)
GND
GND
signal GND
power GND
T1
CCOMP
COUT_pri
CIN
VOUT_sec+
CSS
VIN
CP
R2
CIN
R1
D1
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
VOUT_pri
RCOMP
CVCC
COUT_sec
VOUT_sec-
R8
C15
LOAD
(isolation
required)
LOAD
(isolation not required)
10
mF
470nF
68nF
56k
W
4.7pF
680pF
10
mF
10.6k
W
2.2k
W
10
mF
620
W
82pF
100nF
2106.0007
This application generates 5 V at the primary output (not isolated) with a switching frequency of 500 kHz. The
secondary voltage (isolated) is generated by a transformer with a turn ratio 1:5.6. The voltage between VOUT_sec+
and VOUT_sec- changes with the current drawn from the load. A post-regulation is necessary to keep this voltage
stable maximum deliverable current in an iso-buck topology must take into account the equations (5) and (6).
According to how much current is drawn from the isolated and not isolated outputs, IPEAKHS or IPEAKLS is the most
stringent parameter.
Considering the schematic above and the components included, the graph below gives an idea about how much
current, under these application conditions, can be drawn at the same time from the not isolated and isolated
outputs, with different input voltages.
Figure 50. Maximum deliverable currents to the isolated and not isolated outputs
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
1
10
100
1000
IOUT_prim [mA]
VIN = 9 V
VIN = 12 V
VIN = 18 V
VIN = 24 V
L6986I
Application example
DS13647 - Rev 1
page 42/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com