Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 52Page - STMicroelectronics L6986I Datasheet HTML 53Page - STMicroelectronics L6986I Datasheet HTML 54Page - STMicroelectronics L6986I Datasheet HTML 55Page - STMicroelectronics L6986I Datasheet HTML 56Page - STMicroelectronics L6986I Datasheet HTML 57Page - STMicroelectronics L6986I Datasheet HTML 58Page - STMicroelectronics L6986I Datasheet HTML 59Page - STMicroelectronics L6986I Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Figure 50.
Maximum deliverable currents to the isolated and not isolated outputs ............................. 42
Figure 51.
STEVAL-A6986IV1 evaluation board schematic ............................................ 43
Figure 52.
STEVAL-L6986IV1 evaluation board schematic ............................................ 43
Figure 53.
STEVAL-A6986IV2 evaluation board schematic ............................................ 43
Figure 54.
STEVAL-A6986IV1 (top layer) ........................................................ 46
Figure 55.
STEVAL-A6986IV1 (bottom layer) ...................................................... 46
Figure 56.
STEVAL-L6986IV1 (top layer)......................................................... 47
Figure 57.
STEVAL-L6986IV1 (bottom layer) ...................................................... 47
Figure 58.
STEVAL-A6986IV2 (top layer) ........................................................ 48
Figure 59.
STEVAL-A6986IV2 (bottom layer) ...................................................... 48
Figure 60.
STEVAL-A6986IV1, VIN = 12 V, fSW = 500 kHz (VISO+) ....................................... 49
Figure 61.
STEVAL-A6986IV1, VIN = 12 V, fSW = 500 kHz (VISO-) ........................................ 49
Figure 62.
STEVAL-L6986IV1, VIN = 12 V, fSW = 500 kHz (VISO+)........................................ 49
Figure 63.
STEVAL-L6986IV1, VIN = 12 V, fSW = 500 kHz (VISO-) ........................................ 50
Figure 64.
STEVAL-A6986IV2, VIN = 12 V, fSW = 500 kHz (VISO+) ....................................... 50
Figure 65.
HTSSOP16 package outline.......................................................... 51
L6986I
List of figures
DS13647 - Rev 1
page 59/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com