Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 16Page - STMicroelectronics L6986I Datasheet HTML 17Page - STMicroelectronics L6986I Datasheet HTML 18Page - STMicroelectronics L6986I Datasheet HTML 19Page - STMicroelectronics L6986I Datasheet HTML 20Page - STMicroelectronics L6986I Datasheet HTML 21Page - STMicroelectronics L6986I Datasheet HTML 22Page - STMicroelectronics L6986I Datasheet HTML 23Page - STMicroelectronics L6986I Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Figure 22. Valley current sense operation in short circuit
Figure 22 shows the switching frequency reduction during the valley current sense operation in case of extremely
low duty cycle (VIN = 12 V, fSW = 2 MHz short-circuit condition).
In a worst case scenario of the overcurrent protection the switch current is limited to:
IMAX= IVALLEYTH+VIN‐VOUTL∙TMASKHS
(2)
where IVALLEY_THis the current threshold of the valley sensing circuitry (see Table 1) and TMASK_HS is the masking
time of the high-side switch 330 ns typ.).
In most of the overcurrent conditions the conduction time of the high-side switch is higher than the masking time
and so the peak current protection limits the switch current.
IMAX =IPEAK_TH
(3)
Figure 23. Peak current sense operation in overcurrent condition
This figure shows the effect of the peak current protection. On the left the current (blue waveform) during the
on time reaches the peak current protection threshold. From this point on, any increase of the output current
causes the on-time to be reduced (picture on the right) so that the current provided to the output is limited. As a
consequence, the output voltage drops, as the purple waveform depicts.
The DC current flowing in the load in overcurrent condition is:
IDCOC  (VOUT) = IMAX‐V IN‐VOUT2L∙TON
(4)
L6986I
Overcurrent protection
DS13647 - Rev 1
page 20/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com