Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 22Page - STMicroelectronics L6986I Datasheet HTML 23Page - STMicroelectronics L6986I Datasheet HTML 24Page - STMicroelectronics L6986I Datasheet HTML 25Page - STMicroelectronics L6986I Datasheet HTML 26Page - STMicroelectronics L6986I Datasheet HTML 27Page - STMicroelectronics L6986I Datasheet HTML 28Page - STMicroelectronics L6986I Datasheet HTML 29Page - STMicroelectronics L6986I Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
5.5
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6 up to 150 kHz maximum to guarantee a valid
small signal model
RC= 2∙π∙BW∙COUT∙VOUT
0.85V∙gCS∙gm_typ
(20)
where:
fPOLE= ωP2∙π
(21)
ωP is defined by eq. (9) , gCS represents the current sense transconductance and gm TYP the error amplifier
transconductance.
CC=  52∙π∙RC∙BW
(22)
Example 1:
VIN = 12 V, VOUT_pri = 5.3 V, ROUT_pri = 5.6 Ω (corresponding to almost 1 A load).
Selecting the L6986I with VOUT_pri = 5.3 V, fSW = 500 kHz, Lpri = 18 µH, COUT_pri = 10 µF and ESR = 3 mΩ, RC
= 56 kΩ, CC = 680 pF, CP = 4.7 pF (please refer to Table 11), the gain and phase bode diagrams are plotted
respectively in Figure 29 and Figure 30.
Figure 29. Bode plote (magnitude)
Figure 30. Bode plot (phase)
L6986I
Compensation network design
DS13647 - Rev 1
page 26/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com