Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 27Page - STMicroelectronics L6986I Datasheet HTML 28Page - STMicroelectronics L6986I Datasheet HTML 29Page - STMicroelectronics L6986I Datasheet HTML 30Page - STMicroelectronics L6986I Datasheet HTML 31Page - STMicroelectronics L6986I Datasheet HTML 32Page - STMicroelectronics L6986I Datasheet HTML 33Page - STMicroelectronics L6986I Datasheet HTML 34Page - STMicroelectronics L6986I Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
6.4
Synchronization
The synchronization feature helps the hardware designer to prevent beating frequency noise that is an issue
when multiple switching regulators populate the same application board.
6.4.1
Embedded master - slave synchronization
The L6986I synchronization circuitry features the same switching frequency for a set of regulators simply
connecting their SYNCH pin together, so preventing beating noise. The master device provides the
synchronization signal to the others since the SYNCH pin is I/O able to deliver or recognize a frequency signal.
For proper synchronization of multiple regulators, all of them have to be configured with the same switching
frequency (see Table 6), so the same resistor connected at the FSW pin.
In order to minimize the RMS current flowing through the input filter, the L6986I device provides a phase shift
of 180° between the master and the SLAVES. If more than two devices are synchronized, all slaves will have a
common 180° phase shift with respect to the master.
Considering two synchronized L6986I which regulate the same output voltage (i.e.: operating with the same duty
cycle), the input filter RMS current is optimized and is calculated as:
IRMS IOUT2∙ 2D∙ 1−2D                               if D<0.5
IOUT2∙ 2D−1∙2−2D                   if D>0.5
(29)
The graphical representation of the input RMS current of the input filter in the case of two devices with 0°
phase shift (synchronized to an external signal) or 180° phase shift (synchronized connecting their SYNCH pins)
regulating the same output voltage is provided in the figure below. To dimension the proper input capacitor please
refer to the dedicate section.
Figure 36. Input RMS current
The figure below shows two not synchronized regulators with unconnected SYNCH pin.
L6986I
Synchronization
DS13647 - Rev 1
page 31/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com