Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV1009AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADMV1009
Rev. B | Page 3 of 23
SPECIFICATIONS
VDRF = 5 V, VDLO = 5 V, IDLO = 60 mA, IDRF = 250 mA, LO = −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤ +85°C; data taken with
Mini-Circuits NCS1-422+, RF transformer as upper sideband, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RF OUTPUT FREQUENCY RANGE
12.7
15.4
GHz
INPUT FREQUENCY RANGE
Local Oscillator
LO
9
12.6
GHz
Intermediate Frequency
IF
2.8
4
GHz
LO AMPLITUDE
−4
0
+4
dBm
IF INPUT POWER
−25
0
dBm
PERFORMANCE
With balun
Conversion Gain
15
21
25
dB
Noise Figure
NF
14
16.5
dB
Output Third-Order Intercept
IP3
At output power (POUT) = 8 dBm
31
35
dBm
Output 1 dB Compression Point
P1dB
23
25
dBm
Sideband Rejection
20
60
dBc
Leakage
LO to RF
−30
−10
dBm
LO to IF
−25
−20
dBm
RF Output
IF = 0 dBm
2× LO − 2× IF Spur
45
52
dBc
4× IF Spur
70
75
dBc
Return Loss
RF Output
12
10
dB
LO Input
−4 dBm ≤ LO ≤ +4 dBm
12
10
dB
IF Input
11
10
dB
POWER INTERFACE
Amplifier Voltage
RF
VDRF
5
V
LO
VDLO
5
V
Gate Voltage
RF
VGRF
−1.5
−0.5
V
LO
VGLO
−1.5
−0.5
V
Mixer Voltage
VGMIX
−1.1
V
Amplifier Current
RF
IDRF
Adjust VGRF between −1.5 V and −0.5 V to achieve IDRF
250
300
mA
LO
IDLO
Adjust VGLO between −1.5 V and −0.5 V to achieve IDLO
60
mA
Gate Current
RF
IGRF
< 3
mA
LO
IGLO
< 1
mA
Total Power
1.55
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com