Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADMV1009
Data Sheet
Rev. B | Page 22 of 23
BILL OF MATERIALS
Table 6.
Qty.
Reference Designator
Description
Manufacturer/Part No.
1
Not applicable
PCB
Analog Devices/600-01649-00
1
U1
ADMV1009AEZ
Analog Devices/ADMV1009AEZ
4
C1, C4, C9, C12
100 pF ceramic capacitors, 5%, 50 V, C0G, 0402
Murata/GRM1555C1H101JA01D
4
C2, C7, C10, C13
10 nF ceramic capacitors, 50 V, 10%, X7R, 0603
Panasonic/ECJ-1VB1H103K
5
C3, C5, C8, C11, C14
1 µF ceramic capacitors, 50 V, 10%, X7R, 0603
Taiyo Yuden/UMK107AB7105KA-T
1
C6
470 pF ceramic capacitor, 5%, 50 V, COG, 0402, SMD
Murata/GRM1555C1H471JA01D
2
C15, C16
10 pF ceramic capacitors, 5%, 25 V, C0G, 0402
Kemet/C0402C100J3GAL
2
J1, J2
SCD, COMP, SMA connectors, SRI
SRI Connector Gage Co./21-141-1000-01
1
J3
SCD, COMP, SMA connector
Johnson Components/142-0701-851
2
L1, L2
56 nH inductors, 0805, 5%, 500 mA
Coilcraft/0805CS-560XJLB
6
TP1 to TP6
Test points, PC compact SMT
Keystone Electronics/5016
1
U2
50 Ω RF transformer, 3300 MHz to 4000 MHz
Mini-Circuits/NCS1-422+
1
Heatsink
Aluminum heatsink
Analog Devices/111332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com