Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADMV1009
Rev. B | Page 15 of 23
SPURIOUS PERFORMANCE
VDRF = 5 V, VDLO = 5 V, IDLO = 60 mA, IDRF = 250 mA, LO = 0 dBm, −40°C ≤ TA ≤ +85°C, data taken with Mini-Circuits NCS1-422+,
RF transformer as upper sideband, unless otherwise noted.
90
80
0
10
30
50
70
20
40
60
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 47. 2× LO − 2× IF Leakage vs. RF Frequency at Various
Temperatures, IF = 3.1 GHz, −10 dBm
0
10
20
30
40
50
60
70
90
80
13000
13100
13200
13300
13400
13500
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 48. 2× LO − 2× IF Leakage vs. RF Frequency at Various
Temperatures, IF = 3.3 GHz, −10 dBm
90
80
0
10
30
50
70
20
40
60
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 49. 2× LO − 2× IF Leakage vs. RF Frequency at Various
Temperatures, IF = 3.5 GHz, −10 dBm
90
80
0
10
30
50
70
20
40
60
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 50. 2× LO − 2× IF Leakage vs. RF Frequency at Various
Temperatures, IF = 3.1 GHz, 0 dBm
90
80
0
10
30
50
70
20
40
60
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 51. 2× LO − 2× IF Leakage vs RF Frequency at Various
Temperatures, IF = 3.3 GHz, 0 dBm
90
80
0
10
30
50
70
20
40
60
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 52. 2× LO − 2× IF Leakage vs RF Frequency at Various
Temperatures, IF = 3.5 GHz, 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com