Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADMV1009
Data Sheet
Rev. B | Page 20 of 23
EVALUATION BOARD INFORMATION
The circuit board used in the application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance, and
the package ground leads and exposed pad must be connected
directly to the ground plane, similar to what is shown in Figure 60
and Figure 61. Use a sufficient number of via holes to connect
the top and bottom ground planes. The evaluation circuit board
shown in Figure 59 is available from Analog Devices, Inc., upon
request.
Layout
Solder the exposed pad on the underside of the ADMV1009 to
a low thermal and electrical impedance ground plane. This pad
is typically soldered to an exposed opening in the solder mask
on the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat
dissipation from the device package. Figure 60 shows the PCB
land pattern footprint for the ADMV1009-EVALZ, and Figure 61
shows the solder paste stencil for the ADMV1009-EVALZ
evaluation board.
Power-On Sequence
To set up the ADMV1009-EVALZ, take the following steps:
1. Power up the VGLO with a −1.5 V supply.
2. Power up the VDLO with a 5 V supply.
3. Adjust VGLO from −1.5 V to −0.5 V such that IDLO =
60 mA.
4. Power up VGRF with a −1.5 V supply.
5. Power up VDRF with a 5 V supply.
6. Adjust VGRF from −1.5 V to −0.5 V such that IDLO =
250 mA
7. Power up VGMIX with a −1.5 V supply.
8. Apply an LO signal.
9. Apply an IF signal.
Power Off Sequence
To turn off the ADMV1009-EVALZ, take the following steps:
1. Turn off the LO and IF signals.
2. Set VGRF and VGLO to −1.5 V.
3. Set the VDRF and VDLO supplies to 0 V and then turn off
the VDRF and VDLO supplies.
4. Turn off the VGRF and VGLO supplies.
0.138" SQUARE MASK OPENING
0.02 × 45° CHAMFER FOR PIN 1
0.197"
[0.50]
PAD SIZE
0.026" × 0.010"
0.217" SQUARE
0.004" MASK/METAL OVERLAP
0.010" MINIMUM MASK WIDTH
0.010" REF
0.030"
MASK OPENING
0.156"
MASK
OPENING
PIN 1
GROUND PAD
SOLDER MASK
0.146" SQUARE
GROUND PAD
ø.010"
TYPICAL VIA
ø.034"
TYPICAL
VIA SPACING
Figure 60. PCB Land Pattern Footprint of the ADMV1009-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com