Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADMV1009
Data Sheet
Rev. B | Page 18 of 23
THEORY OF OPERATION
The ADMV1009 is a GaAs, MMIC, SSB, upper side band
upconverter in a RoHS compliant package optimized for upper
sideband point to point microwave radio applications operating
in the 12.7 GHz to 15.4 GHz output frequency range. The
ADMV1009 supports LO input frequencies of 9 GHz to 12.6 GHz
and IF frequencies of 2.8 GHz to 4 GHz.
The ADMV1009 uses a RF amplifier preceded by a passive,
double balanced mixer, where a driver amplifier drives the
LO (see Figure 59). The combination of design, process, and
packaging technology allows the functions of these subsystems
to be integrated into a single die, using mature packaging and
interconnection technologies to provide a high performance,
low cost design with excellent electrical, mechanical, and
thermal properties. In addition, the need for external
components is minimized, optimizing cost and size.
LO DRIVER AMPLIFIER
The LO driver amplifier takes a single LO input and amplifies it
to the desired LO signal level for the mixer to operate optimally.
The LO driver amplifier requires a single dc bias voltage (VDLO)
and a single dc gate bias (VGLO) to operate. Starting at −2 V at
the gate supply (VGLO), the LO amplifier is biased at +5 V
(VDLO). Then, the gate bias (VGLO) is varied until the desired
LO amplifier bias current (IDLO) is achieved. The desired LO
amplifier bias current is 60 mA under the LO input drive of
−4 dBm to +4 dBm. The LO drive range of −4 dBm to +4 dBm
makes it compatible with Analog Devices, Inc., wideband
synthesizer portfolio without the requirement for an external
LO driver amplifier.
MIXER
The mixer has two differential inputs, IF1 and IF2, and an
external 180° balun is required to drive the IF ports differentially.
The ADMV1009 is optimized to work with the Mini-Circuit
NCS1-422+ RF balun. The mixer must be biased at −1.1 V
(VGMIX) to operate.
RF AMPLIFIER
The RF amplifier requires a single dc bias voltage (VDRF) and a
single dc gate bias (VGRF) to operate. Starting at −2 V at the
gate supply (VGRF), the RF amplifier is biased at +5 V (VDRF).
Then, the gate bias (VGRF) is varied until the desired RF amplifier
bias current (IDRF) is achieved. The desired RF amplifier bias
current is 250 mA under small signal conditions.
The ADMV1009 has an internal band-pass filter between the
mixer and the RF driver amplifier that reduces LO leakage and
filters out the lower sideband at the RF output. The balanced
input drive allows exceptional linearity performance compared
to similar single-ended solutions.
The typical application circuit (see Figure 59) shows the necessary
external components on the bias lines to eliminate any undesired
stability problems for the RF amplifier and the LO amplifier.
The ADMV1009 upconverter comes in a compact, thermally
enhanced, 4.9 mm × 4.9 mm, 32-terminal ceramic leadless chip
carrier (LCC) package. The ADMV1009 operates over the
−40°C to +85°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com