Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADMV1009
Rev. B | Page 19 of 23
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
The typical applications circuit is shown in Figure 59. The
application circuit shown has been replicated for the evaluation
board circuit.
U1
ADMV1009AEZ
C12
100pF
C13
10nF
C14
1µF
C3
1µF
C2
10nF
C1
100pF
24
NIC
23
NIC
22
NIC
21
NIC
20
NIC
19
LOIN
LOIN
18
GND
17
NIC
1
2
3
4
5
6
7
8
NIC
GND
RFOUT
RFOUT
J1
SMA
SMA
SMA
SMA
J2
J3
NIC
NIC
NIC
VGRF
VGRF
TP5
TP1
VDRF
NIC
L1
56nH
L2
56nH
SEC_DOT
GND
NC
NC
4
5
6
SEC_BAL
3300MHz TO 4000MHz
NCS1-422+
U2
PRI_GND
PRI_DOT
IFIN
3
2
1
C15
10pF
C16
10pF
C5
1µF
C4
100pF
TP2
VGX
C8
1µF
C7
10nF
C6
470pF
TP3
VDLO
C11
1µF
C10
10nF
C9
100pF
TP4
5016
5016
5016
5016
VGLO
TP6
5016
5016
Figure 59. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com