Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADMV1009
Data Sheet
Rev. B | Page 12 of 23
IF BANDWIDTH
VDRF = 5 V, VDLO = 5 V, IDLO = 60 mA, IDRF = 250 mA, LO = −4 dBm ≤ LO ≤ +4 dBm at 10.2 GHz, −40°C ≤ TA ≤ +85°C, data taken
with Mini-Circuits NCS1-422+, RF transformer as upper sideband, unless otherwise noted.
25
0
5
10
15
20
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 33. Conversion Gain vs. IF Frequency at Various Temperatures
50
0
10
20
30
40
45
5
15
25
35
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 34. Output IP3 vs. IF Frequency at Various Temperatures
25
0
5
10
15
20
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+4dBm
0dBm
–4dBm
Figure 35. Conversion Gain vs. IF Frequency at Various LO Powers
50
0
10
20
30
40
45
5
15
25
35
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
IF FREQUENCY (GHz)
+4dBm
0dBm
–4dBm
Figure 36. Output IP3 vs. IF Frequency at Various LO Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com