Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV1009AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADMV1009
Rev. B | Page 5 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 NIC
23 NIC
22 NIC
21 NIC
20 NIC
19 LOIN
18 GND
17 NIC
1
2
3
4
5
6
7
8
NIC
PIN1
INDICATOR
GND
RFOUT
NIC
NIC
NIC
VGRF
NIC
TOP VIEW
(Not to Scale)
ADMV1009
NOTES
1. NIC = NOT INTERNALLY CONNECTED. IT IS
RECOMMENDED TO GROUND THESE PINS
ON THE PCB.
2. EXPOSED PAD. EXPOSED PAD MUST BE
CONNECTED TO GND. GOOD RF AND THERMAL
GROUNDING IS RECOMMENDED.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4 to 6, 8, 9, 12, 13, 16,
17, 20 to 25, 28, 30, 32
NIC
Not Internally Connected. It is recommended to ground these pins on the PCB.
2, 10, 15, 18
GND
Ground. These pins are grounded internally and must also be grounded on the PCB.
3
RFOUT
RF Output. This pin is ac-coupled internally and matched to 50 Ω, single-ended.
7
VGRF
Power Supply Voltage for the Gate of the RF Amplifier. Refer to the Applications Information
section for the required external components and biasing.
11, 14
IF2, IF1
Differential IF Inputs. These pins are matched to 50 Ω and are ac-coupled. No external dc block is
required.
19
LOIN
Local Oscillator Input. This pin is ac-coupled and matched to 50 Ω.
26
VGLO
Power Supply Voltage for the Gate of the LO Amplifier. Refer to the Applications Information
section for the required external components and biasing.
27
VDLO
Power Supply Voltage for the LO Amplifier. Refer to the Applications Information section for the
required external components and biasing.
29
VGMIX
Power Supply Voltage for the Mixer. This pin is a high impedance port. Refer to the Applications
Information section for the required external components and biasing.
31
VDRF
Power Supply Voltage for the RF Amplifier. Refer to the Applications Information section for the
required external components and biasing.
EPAD
Exposed pad. The exposed pad must be connected to GND. Good RF and thermal grounding is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com