Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1009AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
12.7 GHz to 15.4 GHz, GaAs, MMIC,
Upper Sideband, Differential Upconverter
Data Sheet
ADMV1009
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017-2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 12.7 GHz to 15.4 GHz
IF input frequency range: 2.8 GHz to 4 GHz
LO input frequency range: 9 GHz to 12.6 GHz
Matched 50 Ω RF output, LO input, and IF input
20 dB of image rejection
32-terminal, 4.9 mm × 4.9 mm LCC package
APPLICATIONS
Point to point microwave radios
Radars and electronic warfare systems
Instrumentation, automatic test equipment
FUNCTIONAL BLOCK DIAGRAM
14
11
3
2
10
15
18
19
26
27
29
31
7
ADMV1009
VGMIX
IF1
RFOUT
GND
GND
GND
GND
IF2
VGRF VDRF
LOIN VGLO VDLO
Figure 1.
GENERAL DESCRIPTION
The ADMV1009 is a compact, gallium arsenide (GaAs) design,
monolithic microwave integrated circuit (MMIC), upper sideband
(USB), differential, upconverter in a RoHS compliant package
optimized for point to point microwave radio designs that
operate in the 12.7 GHz to 15.4 GHz frequency range.
The ADMV1009 provides 21 dB of conversion gain with 20 dB
of sideband rejection. The ADMV1009 uses a radio frequency (RF)
amplifier preceded by a passive, double balanced mixer, where a
driver amplifier drives the local oscillator (LO). IF1 and IF2 mixer
inputs are provided, and an external 180° balun is needed to
drive the IF pins differentially. The ADMV1009 is a much
smaller alternative to hybrid style single sideband (SSB)
upconverter assemblies and eliminates the need for wire
bonding by allowing the use of surface-mount manufacturing
assemblies.
The ADMV1009 upconverter comes in a compact, thermally
enhanced, 4.9 mm × 4.9 mm LCC package. The ADMV1009
operates over the −40°C to +85°C temperature range.


Similar Part No. - ADMV1009AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010-EVALZ AD-ADMV1010-EVALZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ AD-ADMV1010AEZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ-R7 AD-ADMV1010AEZ-R7 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
More results

Similar Description - ADMV1009AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
logo
Hittite Microwave Corpo...
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
logo
Analog Devices
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC7911 AD-HMC7911 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com