Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1009AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADMV1009
Data Sheet
Rev. B | Page 4 of 23
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
VDRF
6 V
VDLO
6 V
VGLO
−2 V to 0 V
VGRF
−2 V to 0 V
VGMIX
−2 V to 0 V
Maximum Junction Temperature
175°C
Lifetime at Maximum Junction Temperature
>1 million hours
Maximum Power Dissipation
2.9 W
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Moisture Sensitivity Level (MSL) Rating
MSL3
Input Power
LO
15 dBm
IF
15 dBm
Lead Temperature Range (Soldering 60 sec)
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
750 V
Field Induced Charged Device Model
(FICDM)
750 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is thermal resistance, junction to ambient (°C/W), and θJC is
thermal resistance, junction to case (°C/W).
Table 3.
Package Type
θJA1
θJC1
Unit
E-32-1
33.4
31
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimal thermal
impedance (printed circuit board (PCB) within 3 × 3 vias)
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com