Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1009AEZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1009AEZ-R7
Description  12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1009AEZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1009AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1009AEZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADMV1009
Rev. B | Page 17 of 23
Table 5. LO Harmonic Leakage at RFOUT
Harmonics
LO Frequency (MHz)1
1.0
2.0
3.0
4.0
9000
−51
−14
−50
−72
9500
−48
−5
−55
−67
10000
−40
−15
−51
−63
10500
−33
−28
−67
−62
11000
−33
−44
−74
−75
11500
−30
−44
−63
−77
12000
−35
−44
−73
−76
12600
−39
−40
−63
−75
1
All values are in dBm. LO Input Power = 0 dBm.
M × N SPURIOUS PERFORMANCE
LO = 0 dBm, Upper Sideband
IF = 3100 MHz at 0 dBm and RF = 13300 MHz. All values in dBc below RF power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IF
−4
N/A
98
83
83
105
−3
N/A
99
66
75
104
−2
N/A
60
52
77
89
−1
N/A
61
27
80
97
0
N/A
53
38
68
85
1
77
0
68
70
75
2
65
43
31
86
86
3
50
67
77
64
78
4
77
58
83
96
N/A
IF = 3300 MHz at 0 dBm and RF = 13300 MHz. All values in dBc below RF power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IF
−4
N/A
92
92
78
100
−3
N/A
100
85
67
101
−2
N/A
67
58
76
95
−1
N/A
57
29
76
99
0
N/A
58
32
60
80
1
74
0
73
60
79
2
64
43
32
86
82
3
57
63
79
67
91
4
78
67
80
96
N/A
IF = 3500 MHz at 0 dBm and RF = 13300 MHz. All values in dBc below RF power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IF
−4
N/A
92
92
78
100
−3
N/A
100
85
67
101
−2
N/A
67
50
76
95
−1
N/A
50
28
72
97
0
N/A
64
27
58
74
1
71
0
73
60
79
2
59
43
32
86
82
3
57
63
79
67
91
4
78
67
80
96
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com