Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 25 of 26
BILL OF MATERIALS
Table 7.
Qty.
Reference Designator
Description
Manufacturing/Part No.
1
Evaluation board
PCB
Analog Devices/08_042363a
4
C1 to C3, C11
0.01 µF ceramic capacitors, X7R, 0402
Murata/GRM155R71E103KA01D
7
C10, C12, C15 to C17, C19, C22
100 pF multilayer ceramic capacitors, NP0,
high temperature, C0402
TDK/C1005NP01H101J050BA
7
C5 to C7, C13, C14, C18, C23
1 µF monolithic ceramic capacitors, X5R,
C0603
Murata/GRM188R61E105KA12D
2
C8, C9
0.33 µF ceramic capacitors, X5R, C0603
AVX/0603YD334KAT2A
2
C26, C27
220 pF ceramic capacitors, C0G, 0402, C0402
Murata/GRM1555C1H221JA01D
10
AGND, VDI, VDQ, VDLO, VDRF1,
VDRF2, VGRF1, VGRF2, VCTL2 to
VCTL3
Connector PCB test points, compact mini,
5019, CNKEY5019
Keystone Electronic Corp/5019
4
LO_IN, RF_OUT,
IF_INPUT_LSB, IF_INPUT_USB
Connector PCB SMA, K_SRI-NS,
CNSMAL460W295H156
SRI Connector Gage/25-146-1000-92
2
L1, L2
15 nH inductor chips, 0402, L0402-2
Coilcraft/0402HP-15NXJLU
2
R1, R4
0 Ω resistors, chip surface-mounted diode
jumper, 0402
Panasonic/ERJ-2GE0R00X
1
R2
50 Ω resistor, high frequency chip, R0402
Vishay Precision Group/FC0402E50R0BST1
1
R3
50 Ω resistor, high frequency chip, 0402, R0402
Vishay Precision Group/FC0402E50R0FST1
1
T1
Transformer power splitter/combiner,
2500 to 4500 MHz, TSML126W63H42
Mini-Circuits/QCN-45+
Heatsink
Heatsink
114622-A/111332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com