Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 11 of 26
PERFORMANCE vs. GAIN REGULATION
Data specified at VDRF1 and VDRF2 = 5 V, VDLO = 3.5 V, IDRF1 = 220 mA, IDRF2 = 75 mA, TA = 25°C, LO = 0 dBm, IF frequency = 3 GHz,
and taken with Mini-Circuits QCN-45+ power splitter/combiner, unless otherwise noted. VCTL is varied for gain regulation.
30
25
20
15
10
5
0
–5
–10
–15
–5.0 –4.5 –4.0 –3.5
–2.5
–1.5
–3.0
–2.0
–0.5
–1.0
0
VCTL (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. Conversion Gain vs. Control Voltage (VCTL) at Various
Temperatures, RF Frequency = 18 GHz, Lower Sideband
25
20
15
10
5
0
–5
–10
–15
17.0
17.5
18.0
18.5
19.5
19.0
20.0
RF FREQUENCY (GHz)
0dB
10.67dB
20.32dB
29.67dB
Figure 24. Conversion Gain vs. RF Frequency at Various Attenuation Levels,
Lower Sideband
55
50
45
40
35
25
15
5
30
20
10
0
0
5
10
15
20
25
30
ATTENUATION (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. Sideband Rejection vs. Attenuation at Various Temperatures,
RF Frequency = 18 GHz, Lower Sideband
30
25
20
15
10
5
0
–5
–10
–20
–15
–5.0 –4.5 –4.0 –3.5
–2.5
–1.5
–3.0
–2.0
–0.5
–1.0
0
VCTL (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. Conversion Gain vs. VCTL at Various Temperatures,
RF Frequency = 23 GHz, Upper Sideband
25
20
15
10
5
0
–5
–10
–15
20.0
20.5
21.0
21.5
22.5
22.0
23.5
23.0
24.0
RF FREQUENCY (GHz)
0dB
10.14dB
19.26dB
29.09dB
Figure 27. Conversion Gain vs. RF Frequency at Various Attenuation Levels,
Upper Sideband
40
35
30
25
20
15
10
5
0
0
5
15
10
20
25
30
35
ATTENUATION (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 28. Sideband Rejection vs. Attenuation at Various Temperatures,
RF Frequency = 23 GHz, Upper Sideband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com