Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV1011AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 3 of 26
SPECIFICATIONS
Data specified at VDRF1 and VDRF2 = 5 V, VDLO = 3.5 V, IDRF1 = 220 mA, IDRF2 = 75 mA, −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤
+85°C, taken with Mini-Circuits QCN-45+ power splitter/combiner, unless otherwise noted. VCTL2, VCTL3 = −5 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RF OUTPUT FREQUENCY
17
24
GHz
INPUT FREQUENCY
Local Oscillator
LO
With 2× multiplier
8
12
GHz
Intermediate Frequency
IF
2
4
GHz
LO AMPLITUDE
−4
0
+4
dBm
POWER INTERFACE
Amplifier Bias Voltage
LO
VDLO
3.5
V
RF
VDRF1, VDRF2
5
V
Amplifier Bias Current
LO
IDLO
160
180
mA
RF
IDRF1
Adjust VGRF1 between −1.8 V to −0.8 V to get IDRF1
220
300
mA
IDRF2
Adjust VGRF2 between −1.8 V to −0.8 V to get IDRF1
75
mA
Amplifier Gate Current
RF
IGRF1
<1
mA
IGRF2
<1
mA
RF Amplifier Gate Control
Voltage
VGRF1, VGRF2
−1.8
−0.8
V
RF Amplifier Gain Control
Voltage
VCTL2, VCTL3
Maximum gain = −5 V, minimum gain = 0 V
−5
0
V
Total Power Dissipation
2.1
W
LOWER SIDEBAND PERFORMANCE
Data specified at VDRF1 and VDRF2 = 5 V, VDLO = 3.5 V, IDRF1 = 220 mA, IDRF2 = 75 mA, −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤
+85°C, taken with Mini-Circuits QCN-45+ power splitter/combiner, unless otherwise noted. VCTL2, VCTL3 = −5 V, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RF PERFORMANCE
Frequency
Radio Frequency
RF
17
20
GHz
Local Oscillator
LO
8.5
12
GHz
Intermediate Frequency
IF
2
4
GHz
Conversion Gain
15
21
26.5
dB
Dynamic Range
VVA
VVA control slope > 35 mV/dB
30
32
dB
Single Sideband Noise Figure
SSB NF
With hybrid at maximum gain
14
16
dB
With hybrid vs. gain regulation, gain control ≤ 25 dB
14
22
dB
Output Third-Order Intercept
IP3
At output power (POUT) = 8 dBm at maximum gain
31
33
dBm
Output Third-Order Intercept vs. Gain
Regulation
5 dB Attenuation
25.5
30
dBm
10 dB Attenuation
20
22
dBm
15 dB Attenuation
14.5
18
dBm
20 dB Attenuation
9
25
dBm
25 dB Attenuation
3.5
16
dBm
30 dB Attenuation
−2
+12
dBm
Output 1 dB Compression Point
P1dB
22.5
25
dBm
Sideband Rejection
Gain regulation change from 0 dB to 31 dB
20
32
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com