Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ADMV1011
Data Sheet
Rev. A | Page 16 of 26
0
–5
–10
–15
–20
–30
–25
7
8
9
11
10
12
13
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 53. LO Input Return Loss vs. LO Frequency at
Various Temperatures, LO = 0 dBm
5
0
–5
–10
–15
–20
–50
–30
–25
–35
–45
–40
10
1010
2010
3010
4010
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
SIDEBAND = LOWER
SIBEBAND = UPPER
Figure 54. IF Input Return Loss vs. IF Frequency at
Various Temperatures and Sidebands
0
–5
–10
–15
–20
–30
–25
7
8
9
11
10
12
13
LO FREQUENCY (GHz)
LO = +4dBm
LO = 0dBm
LO = –4dBm
Figure 55. LO Input Return Loss vs. LO Frequency at Various LO Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com