Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ADMV1011
Data Sheet
Rev. A | Page 14 of 26
LEAKAGE AND RETURN LOSS PERFORMANCE
Data specified at VDRF1 and VDRF2 = 5 V, VDLO = 3.5 V, IDRF1 = 220 mA, IDRF2 = 75 mA, TA = 25°C, LO = 0 dBm, and taken with
Mini-Circuits QCN-45+ power splitter/combiner, unless otherwise noted. VCTL2 and VCTL3 = −5 V unless otherwise noted.
0
–10
–20
–30
–40
–50
–60
–70
7
8
10
9
11
12
13
14
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 41. LO to RF Feedthrough vs. LO Frequency at
Various Temperatures
0
–10
–20
–30
–40
–50
–60
7
8
10
9
11
12
13
14
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
SIDEBAND = LOWER
SIBEBAND = UPPER
Figure 42. LO to IF Feedthrough vs. LO Frequency at
Various Temperatures and Sidebands
0
–10
–20
–30
–40
–50
–60
1.0
1.5
2.0
3.0
2.5
3.5
4.0
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
SIDEBAND = LOWER
SIBEBAND = UPPER
Figure 43. LO to RF Feedthrough vs. IF Frequency at
Various Temperatures and Sidebands, IFx Pin = 0 dBm
0
–10
–20
–30
–40
–50
–60
–70
–4
–3
–1
0
–2
1
2
3
4
LO POWER (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
LO FREQUENCY = 8GHz
LO FREQUENCY = 12GHz
Figure 44. LO to RF Feedthrough vs. LO Power at
Various Temperatures and LO Frequencies
0
–10
–20
–30
–40
–50
–60
–4
–3
–2
–1
0
1
LO POWER (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
SIDEBAND = LOWER
SIDEBAND = UPPER
Figure 45. LO to IF Feedthrough vs. LO Power at
Various Temperatures and Sidebands, LO Frequency = 10 GHz
0
–10
–20
–30
–40
–50
–70
–60
–5.0 –4.5 –4.0
–3.0
–3.5
–1.0 –0.5
–2.5 –2.0 –1.5
0
VCTL (V)
TA = +85°C
TA = +25°C
TA = –40°C
SIDEBAND = LOWER
SIBEBAND = UPPER
Figure 46. LO to RF Feedthrough vs. VCTL at
Various Temperatures and Sidebands, IFx Pin = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com