Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1011AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
17 GHz to 24 GHz,
GaAs, MMIC, I/Q Upconverter
Data Sheet
ADMV1011
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017-2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 17 GHz to 24 GHz
IF input frequency range: 2 GHz to 4 GHz
LO input frequency range: 8 GHz to 12 GHz with 2× multiplier
Sideband rejection: 32 dB for lower sideband
P1dB: 25 dBm
Gain regulation: 30 dB
Output IP3: 33 dBm
Matched 50 Ω RF output, LO input, and IF input
32-terminal, 4.9 mm × 4.9 mm LCC package
APPLICATIONS
Point to point microwave radios
Radars and electronic warfare systems
Instrumentation, automatic test equipment
FUNCTIONAL BLOCK DIAGRAM
5
2
18
26
90
0
13
12
6
7
8
9
31
ADMV1011
×2
VGRF1
RFOUT
LOIN
VDLO
IF1
IF2
VCTL2 VCTL3 VGRF2 VDRF2 VDRF1
3
GND
1
GND
14
GND
19
GND
Figure 1.
GENERAL DESCRIPTION
The ADMV1011 is a compact, gallium arsenide (GaAs) design,
monolithic microwave integrated circuit (MMIC), double
sideband (DSB) upconverter in a RoHS compliant package
optimized for point to point microwave radio designs that
operates in the 17 GHz to 24 GHz frequency range.
The ADMV1011 provides 21 dB of conversion gain with 32 dBc
of sideband rejection for the lower sideband and 23 dBc of
sideband rejection for the upper sideband. The ADMV1011
uses a radio frequency (RF) amplifier preceded by an in
phase/quadrature (I/Q) double balanced mixer, where a driver
amplifier drives the local oscillator (LO) with a 2× multiplier.
IF1 and IF2 mixer inputs are provided and an external 90°
hybrid is needed to select the required sideband. The I/Q mixer
topology reduces the need for filtering the unwanted sideband.
The ADMV1011 is a much smaller alternative to hybrid style
DSB upconverter assemblies and it eliminates the need for wire
bonding by allowing the use of surface-mount manufacturing
assemblies.
The ADMV1011 upconverter comes in a compact, thermally
enhanced, 4.9 mm × 4.9 mm LCC package. The ADMV1011
operates over the −40°C to +85°C temperature range.


Similar Part No. - ADMV1011AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010-EVALZ AD-ADMV1010-EVALZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ AD-ADMV1010AEZ Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1010AEZ-R7 AD-ADMV1010AEZ-R7 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
More results

Similar Description - ADMV1011AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
logo
Analog Devices
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC7911 AD-HMC7911 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com