Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV1011AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 5 of 26
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
VDLO
5.5 V
VDRF1 − VGRF1, VDRF2 − VGRF21
8 V
VGRF1, VGRF2
0 V
VCTRL2, VCTRL3
−6 V to +0.5 V
IF1/IF2 Source and Sink Current
2 mA
Maximum Junction Temperature (TJ)
175°C
Maximum Power Dissipation
2.64 W
Lifetime Maximum Junction Temperature (TJ)
>1 million hours
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Input Power
LO
15 dBm
IF
15 dBm
Lead Temperature (Soldering 60 sec)
260°C
Moisture Sensitivity Level (MSL)3
MSL3
Electrostatic Discharge (ESD) Sensitivity
Field Induced Charge Device Model
(FICDM)
500 V
Human Body Model (HBM)
250 V
1
The maximum VDRF voltage and the minimum VGRF voltage is determined
by this difference. If a maximum VDRF voltage of +5.5 V is required, then the
minimum VGRF voltage is −2.5 V.
2
To calculate power dissipation, which is a theoretical number, use the
following equation: (TJ − 85°C)/θJC.
3
Based on IPC/JEDEC J-STD-20 MSL classifications.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is thermal resistance, junction to ambient (°C/W), and θJC is
thermal resistance, junction to case (°C/W).
Table 5.
Package Type
θJA1
θJC
Unit
E-32-1
33.4
34
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance (printed circuit board (PCB) with 3 × 3 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com