Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1011AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ADMV1011
Data Sheet
Rev. A | Page 4 of 26
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Leakage
2× LO to RF
Maximum conversion gain at 18 GHz
−5
+5
dBm
Vs. gain regulation
1
dB/dB
2× LO to IF
−40
−25
dBm
Return Loss
RF Output
15
10
dB
LO Input
LO = 0 dBm
11
10
dB
IF Input
20
10
dB
IF Input Power
−25
0
dBm
3× LO – 4 × IF Spur
RF frequency (fRF) = 18 GHz, IF = 0 dBm
64
80
dBc
1× LO + 2 × IF Spur
fRF = 18 GHz, IF = 0 dBm
55
75
dBc
6× IF Spur
fRF = 18 GHz, IF = 0 dBm
72
85
dBc
UPPER SIDEBAND PERFORMANCE
Data specified at VDRF1 and VDRF2 = 5 V, VDLO = 3.5 V, IDRF1 = 220 mA, IDRF2 = 75 mA, −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤
+85°C, taken with Mini-Circuits QCN-45+ power splitter/combiner, unless otherwise noted. VCTL2, VCTL3 = −5 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RF PERFORMANCE
Frequency
Radio Frequency
RF
20
24
GHz
Local Oscillator
LO
8
11
GHz
Intermediate Frequency
IF
2
4
GHz
Conversion Gain
15
21
26.5
dB
Dynamic Range
VVA
VVA control slope > 35 mV/dB
30
37
dB
Single Sideband Noise Figure
SSB NF
With hybrid at maximum gain
13.5
16
dB
With hybrid vs. gain regulation, gain control ≤ 25 dB
13.5
22
dB
Output Third-Order Intercept
IP3
At output power (POUT) = 8 dBm
31
33
dBm
Output Third-Order Intercept vs.
Gain Regulation
5 dB Attenuation
25.5
27
dBm
10 dB Attenuation
20
25
dBm
15 dB Attenuation
14.5
17
dBm
20 dB Attenuation
9
12
dBm
25 dB Attenuation
3.5
8
dBm
30 dB Attenuation
−2
+7
dBm
Output 1 dB Compression Point
P1dB
22.5
25
dBm
Sideband Rejection
Gain regulation change from 0 dB to 31dB
20
23
dBc
Leakage
2× LO to RF
Maximum conversion gain at 23 GHz
−5
+5
dBm
Vs. gain regulation
1
dB/dB
2× LO to IF
−40
−25
dBm
Return Loss
RF Output
15
10
dB
LO Input
LO = 0 dBm
11
10
dB
IF Input
20
10
dB
IF Input Power
−25
0
dBm
4× LO − 5 × IF Spur
RF frequency (fRF) = 23 GHz, IF = 0 dBm
63
80
dBc
4× LO − 4 × IF Spur
fRF = 23 GHz, IF = 0 dBm
61
75
dBc
3× LO − 2 × IF Spur
fRF = 23 GHz, IF = 0 dBm
60
80
dBc
1× LO + 4 × IF Spur
fRF = 23 GHz, IF = 0 dBm
65
80
dBc
7× IF Spur
fRF = 23 GHz, IF = 0 dBm
75
110
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com