Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 17 of 26
M × N SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the RF output
power level. N/A means not applicable.
Lower Sideband
Mixer spurious products are measured in dBc from the RF
output power level. Spurious values are measured using the
following equation: N × LO − M × IF. N/A means not applicable.
The frequencies are referred from the frequencies applied to the
pin of the ADMV1011.
IF = 2 GHz at 0 dBm, LO = 10 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
52.2
30.9
56.1
63.4
77.1
1
68.2
0
61.1
66.2
99.1
2
73.6
47.1
55.9
43.5
99
3
59
43.2
50.2
71.8
101.4
4
77.1
58.7
21.4
65.5
99
5
N/A
52.3
30.9
56.3
63.2
IF = 3 GHz at 0 dBm, LO = 10.5 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
50.5
21.8
69.6
62.1
N/A
1
73
0
64.1
58.9
96.6
2
95.7
41.7
59.8
43.9
97.8
3
124.6
42.7
71.2
65.2
97.5
4
120.8
74.5
81.1
64.8
100.4
5
95.4
48.1
76
65
102.8
IF = 4 GHz at 0 dBm, LO = 11 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
60.2
9.8
68.1
76.1
N/A
1
91.9
0
74.9
50.7
96.9
2
98.9
33.9
70
44.7
98.8
3
118.8
50.5
70.8
56.6
99.7
4
114
72.8
81.9
63.4
100.5
5
117.9
96.3
99.5
66.5
101.4
Upper Sideband
Mixer spurious products are measured in dBc from the RF
output power level. Spurious values are measured using the
following equation: N × LO + M × IF. N/A means not applicable.
The frequencies are referred from the frequencies applied to the
pin of the ADMV1011.
IF = 2 GHz at 0 dBm, LO = 10.5 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
50.5
22.3
68.5
53.7
N/A
1
58.2
0
81.9
65.6
N/A
2
69.5
41.1
90.1
47.6
N/A
3
81.7
41.2
95.3
78.5
N/A
4
91.1
59.9
102.8
83
N/A
5
93.9
70.4
101.4
N/A
N/A
IF = 3 GHz at 0 dBm, LO = 10 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
50.9
30.2
54.7
72.1
78.4
1
58
0
82.2
67.1
N/A
2
74.9
58.3
90.9
48.5
N/A
3
87.1
66.6
98.2
92.3
N/A
4
79.4
100
101.3
N/A
N/A
5
N/A
N/A
N/A
N/A
N/A
IF = 4 GHz at 0 dBm, LO = 9.5 GHz at 0 dBm.
N × LO
1
2
3
4
5
M × IF
0
53.3
47.1
42.1
55.9
94
1
58.1
0
79.6
79.7
N/A
2
64.8
63.7
97.9
49.8
N/A
3
80.6
62.4
94.8
95.8
N/A
4
96
103.5
98.3
N/A
N/A
5
104.3
100.6
94.8
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com