Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADMV1011
Rev. A | Page 15 of 26
20
10
0
–10
–20
–30
–40
–50
–80
–70
–60
6
7
8
10
9
11
12
13
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 47. 2× LO to RF Leakage vs. LO Frequency at
Various Temperatures, Without Nulling
20
10
0
–10
–30
–50
–90
–70
–20
–40
–60
–80
12
14
18
16
20
22
24
26
2× LO FREQUENCY (GHz)
VCTL = 0V
VCTL = –1.5V
VCTL = –2.0V
VCTL = –2.5V
VCTL = –3.0V
VCTL = –5.0V
Figure 48. 2× LO to RF Leakage vs. 2× LO Frequency at
Various Attenuation Levels (VCTL)
0
–5
–10
–15
–20
–35
–30
–25
17
18
19
21
20
22
23
24
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 49. RF Output Return Loss vs. RF Frequency at
Various Temperatures, LO Frequency = 10 GHz, 0 dBm
15
10
5
0
–5
–10
–15
–25
–20
–4
–3
–1
0
–2
1
2
3
4
LO POWER (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
14GHz
22GHz
Figure 50. 2× LO to RF Leakage vs. LO Power at
Various Temperatures and LO Frequencies, Without Nulling
0
–10
–30
–50
–100
–90
–70
–20
–40
–60
–80
12
14
18
16
20
22
24
26
2× LO FREQUENCY (GHz)
PORT = LOWER
PORT = UPPER
Figure 51. 2× LO to IF Leakage vs. 2× LO Frequency for Upper Sideband and
Lower Sideband
10
5
0
–5
–15
–25
–50
–45
–35
–10
–20
–30
–40
0
5
15
10
20
25
30
ATTENUATION
2× LO FREQUENCY = 18.07GHz
2× LO FREQUENCY = 22.97GHz
Figure 52. 2× LO to RF Leakage vs. Attenuation for Various Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com