Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1011AEZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV1011AEZ-R7
Description  17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1011AEZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV1011AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1011AEZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ADMV1011
Data Sheet
Rev. A | Page 22 of 26
EVALUATION BOARD INFORMATION
The circuit board used in the application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance, and
the package ground leads and exposed pad must be connected
directly to the ground plane (see Figure 63 and Figure 64). Use a
sufficient number of via holes to connect the top and bottom
ground planes. The evaluation circuit board shown in Figure 65
is available from Analog Devices, upon request.
Layout
Solder the exposed pad on the underside of the ADMV1011 to
a low thermal and electrical impedance ground plane. This pad
is typically soldered to an exposed opening in the solder mask
on the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat
dissipation from the device package. Figure 63 shows the PCB
land pattern footprint for the EVAL-ADMV1011, and Figure 64
shows the solder paste stencil for the EVAL-ADMV1011.
Power-On Sequence
Take the following steps to turn on the EVAL-ADMV1011:
1. Power up VGRF1 andVGRF2 with a −1.8 V supply.
2. Power up VCTL2 and VCTL3 with a −5 V supply for
maximum conversion gain.
3. Power up VDRF1 and VDRF2 with a 5 V supply.
4. Power up VDLO with a 3.5 V supply.
5. Adjust the VGRF1 supply between −1.8 V to −0.8 V until
IDRF1 = 220 mA.
6. Adjust the VGRF2 supply between −1.8 V to −0.8 V until
IDRF2 = 75 mA.
7. Connect LOIN to the LO signal generator with a LO power
between −4 dBm to +4 dBm.
8. For the upper sideband, add a 0 Ω resistor (R1) and
remove the R4 resistor from the board. For the lower
sideband, add a 0 Ω resistor (R4) and remove the R1
resistor from the board.
9. Apply the IF signal to the appropriate port.
Power-Off Sequence
Take the following steps to turn off the EVAL-ADMV1011:
1. Turn off the LO and IF signals.
2. Set VGRF1 and VGRF2 to −1.8 V.
3. Set VCTL2 and VCTL3 to 0 V.
4. Set the VDRF1 and VDRF2 supplies to 0 V and then turn
off the VDRF1 and VDRF2 supplies.
5. Set the VDLO supply to 0 V and then turn off the VDLO
supply.
6. Turn off the VGRF1, VGRF2, VCTL2, and VCTL3 supplies.
2× LO Suppression
The EVAL-ADMV1011 can suppress the 2× LO signal through
the VDI and VDQ test points. The common mode of the two IF
signals is 0 V. Injecting a nonzero voltage at VDI and VDQ can
change the 2× LO level. The 2× LO signal is referenced from the
LOIN pin of the ADMV1011. The VDI and VDQ voltage needs
to be changed iteratively to get the desired level of 2 × LO
suppression. To prevent device malfunction or failure, the
current to the VDI and VDQ test points (IDI and IDQ) must
not source or sink more than 2 mA of current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com