Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 2 Page - Microchip Technology

  MCP47FVBX1 Datasheet HTML 1Page - Microchip Technology MCP47FVBX1 Datasheet HTML 2Page - Microchip Technology MCP47FVBX1 Datasheet HTML 3Page - Microchip Technology MCP47FVBX1 Datasheet HTML 4Page - Microchip Technology MCP47FVBX1 Datasheet HTML 5Page - Microchip Technology MCP47FVBX1 Datasheet HTML 6Page - Microchip Technology MCP47FVBX1 Datasheet HTML 7Page - Microchip Technology MCP47FVBX1 Datasheet HTML 8Page - Microchip Technology MCP47FVBX1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
MCP47FVBXX
DS20005405A-page 2
 2015 Microchip Technology Inc.
MCP47FVBX1 Device Block Diagram (Single-Channel Output)
Power-up/
Brown-out
Control
VDD
VSS
I2C™ Serial
Interface
Module and
Control Logic
Memory (32x16)
DAC0 (Vol)
VREF0
Op
Amp
Gain
VOUT0
LAT0/HVC
VSS
PD1:PD0 and
VREF1:VREF0
VREF1:VREF0
+
-
VDD
SDA
SCL
Band Gap
(1.22V)
PD1:PD0
VREF1:VREF0
VDD
VBG
PD1:PD0
VREF (Vol)
Power-down (Vol)
Gain (Vol)
Status (Vol)
(1)
and PD1:PD0
Note 1:
If Internal Band Gap is selected, this buffer has a 2x gain. If the G bit = ‘1’, this is a total gain of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com