Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 76Page - Microchip Technology MCP47FVBX1 Datasheet HTML 77Page - Microchip Technology MCP47FVBX1 Datasheet HTML 78Page - Microchip Technology MCP47FVBX1 Datasheet HTML 79Page - Microchip Technology MCP47FVBX1 Datasheet HTML 80Page - Microchip Technology MCP47FVBX1 Datasheet HTML 81Page - Microchip Technology MCP47FVBX1 Datasheet HTML 82Page - Microchip Technology MCP47FVBX1 Datasheet HTML 83Page - Microchip Technology MCP47FVBX1 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
MCP47FVBXX
DS20005405A-page 80
 2015 Microchip Technology Inc.
B.3.1.4
Repeated Start Bit
The Repeated Start bit (see Figure B-5) indicates the
current
master
device
wishes
to
continue
communicating with the current slave device without
releasing the I2C bus. The Repeated Start condition is
the same as the Start condition, except that the
Repeated Start bit follows a Start bit (with the Data bits
+ A bit) and not a Stop bit.
The Start bit is the beginning of a data transfer
sequence and is defined as the SDA signal falling when
the SCL signal is “high”.
FIGURE B-5:
Repeat Start Condition
Waveform.
B.3.1.5
Stop Bit
The Stop bit (see Figure B-6) Indicates the end of the
I2C Data Transfer Sequence. The Stop bit is defined as
the SDA signal rising when the SCL signal is “high”.
A Stop bit should reset the I2C interface of the slave
device.
FIGURE B-6:
Stop Condition Receive or
Transmit Mode.
B.3.2
CLOCK STRETCHING
“Clock Stretching” is something the receiving device
can do, to allow additional time to “respond” to the
“data” that has been received.
B.3.3
ABORTING A TRANSMISSION
If any part of the I2C transmission does not meet the com-
mand format, it is aborted. This can be intentionally
accomplished with a Start or Stop condition. This is done
so that noisy transmissions (usually an extra Start or Stop
condition) are aborted before they corrupt the device.
FIGURE B-7:
Typical 8-Bit I2C Waveform Format.
FIGURE B-8:
I2C Data States and Bit Sequence.
Note 1:
A bus collision during the Repeated Start
condition occurs if:
•SDA is sampled low when SCL goes
from low to high.
•SCL goes low before SDA is asserted
low. This may indicate that another
master is attempting to transmit a
data ‘1’.
SDA
SCL
Sr = Repeated Start
1st Bit
SCL
SDA A/A
P
1st Bit
SDA
SCL
S
2nd Bit
3rd Bit
4th Bit
5th Bit
6th Bit
7th Bit
8th Bit
P
A/A
SCL
SDA
Start
Condition
Stop
Condition
Data allowed
to change
Data or
A valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com