Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 74Page - Microchip Technology MCP47FVBX1 Datasheet HTML 75Page - Microchip Technology MCP47FVBX1 Datasheet HTML 76Page - Microchip Technology MCP47FVBX1 Datasheet HTML 77Page - Microchip Technology MCP47FVBX1 Datasheet HTML 78Page - Microchip Technology MCP47FVBX1 Datasheet HTML 79Page - Microchip Technology MCP47FVBX1 Datasheet HTML 80Page - Microchip Technology MCP47FVBX1 Datasheet HTML 81Page - Microchip Technology MCP47FVBX1 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
MCP47FVBXX
DS20005405A-page 78
 2015 Microchip Technology Inc.
APPENDIX B:
I2C SERIAL
INTERFACE
This I2C interface is a two-wire interface that allows
multiple devices to be connected to this two-wire bus.
Figure B-1 shows a typical I2C interface connection.
FIGURE B-1:
Typical I2C Interface.
B.1
Overview
A device that sends data onto the bus is defined as a
transmitter, and a device receiving data is defined as a
receiver. The bus has to be controlled by a master
device which generates the serial clock (SCL), controls
the bus access and generates the Start and Stop
conditions. Devices that do not generate a serial clock
work as slave devices. Both master and slave can
operate as transmitter or receiver, but the master
device
determines
which
mode
is
activated.
Communication is initiated by the master (micro-
controller), which sends the Start bit followed by the
slave address byte. The first byte transmitted is always
the slave address byte, which contains the device
code, the address bits and the R/W bit.
The I2C interface specifies different communication bit
rates. These are referred to as standard, fast or high-
speed modes and the MCP47FVBXX supports these
three modes. The clock rates (bit rate) of these modes
are:
• Standard mode: up to 100 kHz (kbit/s)
• Fast mode: up to 400 kHz (kbit/s)
• High-Speed mode (HS mode): up to 3.4 MHz
(Mbit/s)
The I2C protocol supports two addressing modes:
• 7-bit slave addressing
• 10-bit slave addressing (allows more devices on
I2C bus)
Only 7-bit slave addressing will be discussed in this
section.
The I2C serial protocol allows multiple master devices
on the I2C bus. This is referred to as “Multi-Master”. For
this, all Master devices must support Multi-Master
operation. In this configuration, all master devices mon-
itor their communication. If they detect that they wish to
transmit a bit that is a logic high but is detected as a
logic low (some other master device driving), they “get
off” the bus. That is, they stop their communication and
continue to listen to determine if the communication is
directed towards them.
The I2C serial protocol only defines the field types, field
lengths, timings, etc. of a frame. The frame content
defines the behavior of the device. For details on the
frame content (commands/data), refer to Section 7.0,
Device Commands
.
The I2C serial protocol does define some commands
called “General Call Addressing”, which allows the
master device to communicate to all slave devices on
the I2C bus.
SCL
SCL
Slave
SDA
SDA
Master
Typical I2C™ Interface Connections
Other Devices
Note:
Refer
to
the
NXP
specification
#UM10204, Rev. 06 4 April 2014
document for more details on the
I2C specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com