Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 55Page - Microchip Technology MCP47FVBX1 Datasheet HTML 56Page - Microchip Technology MCP47FVBX1 Datasheet HTML 57Page - Microchip Technology MCP47FVBX1 Datasheet HTML 58Page - Microchip Technology MCP47FVBX1 Datasheet HTML 59Page - Microchip Technology MCP47FVBX1 Datasheet HTML 60Page - Microchip Technology MCP47FVBX1 Datasheet HTML 61Page - Microchip Technology MCP47FVBX1 Datasheet HTML 62Page - Microchip Technology MCP47FVBX1 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 59
MCP47FVBXX
7.3
General Call Commands
The MCP47FVBXX acknowledges the General Call
Address command (00h in the first byte). General Call
commands can be used to communicate to all devices
on the I2C bus (at the same time) that understand the
General Call command. The meaning of the general
call address is always specified in the second byte (see
Figure 7-8).
If the second byte has a ‘1’ in the LSb, the specification
intends this to indicate a “Hardware General Call”. The
MCP47FVBXX will ignore this byte and all following
bytes (and A), until a Stop bit (P) is encountered.
The MCP47FVBXX devices support the following I2C
General Call commands:
• General Call Reset (06h)
• General Call Wake-up (0Ah)
The General Call Reset command format is specified
by the I2C Specification. The General Call Wake-Up
command is a Microchip-defined format. The General
Call Wake-Up command will have all devices wake-up
(that is, exit the Power-Down mode).
The other two I2C Specification command codes (04h
and 00h) are not supported, and therefore those
commands are Not Acknowledged.
If these 7-bit commands conflict with other I2C devices
on the bus, then the customer will need two I2C buses
and ensure that the devices are on the correct bus for
their desired application functionality.
FIGURE 7-8:
General Call Formats.
Note:
Refer to the NXP specification #UM10204,
Rev. 03 19 June 2007 document for more
details on the General Call specifications.
The I2C specification does not allow
‘00000000’ (00h) in the second byte.
0
00 0
S
0 000
X
XXXX
A
XX0A P
General Call Address
Second Byte
“7-bit Command”
Reserved 7-bit Commands (By I2C™ Specification - NXP specification # UM10204, Rev. 03 19 June 2007)
‘0000 011’
b - Reset and write programmable part of slave address by hardware.
‘0000 010’
b - Write programmable part of slave address by hardware (Not Implemented).
‘0000 000’
b - NOT Allowed
MCP47FVBXX 7-bit Commands
‘0000 011’
b - Device Reset (subset of I2C Reserved Command).
‘0000 101’
b - DAC Output Exit Power-Down State (PD1:PD0 = ‘00’).
The Following is a “Hardware General Call” Format
0
00 0
S0 0 0 0
X
XXXX
A
XX1A
General Call Address
Second Byte
“7-bit Command”
X
XXXX
XXX AP
n occurrences of (Data + A)
This indicates a “Hardware General Call”
MCP47FVBXX will ignore this byte and
all following bytes (and A), until
a Stop bit (P) is encountered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com