Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 29Page - Microchip Technology MCP47FVBX1 Datasheet HTML 30Page - Microchip Technology MCP47FVBX1 Datasheet HTML 31Page - Microchip Technology MCP47FVBX1 Datasheet HTML 32Page - Microchip Technology MCP47FVBX1 Datasheet HTML 33Page - Microchip Technology MCP47FVBX1 Datasheet HTML 34Page - Microchip Technology MCP47FVBX1 Datasheet HTML 35Page - Microchip Technology MCP47FVBX1 Datasheet HTML 36Page - Microchip Technology MCP47FVBX1 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 33
MCP47FVBXX
4.2.5
DEVICE REGISTERS
Register 4-1 shows the format of the DAC Output Value
registers for the volatile memory locations. These reg-
isters will be either 8 bits, 10 bits, or 12 bits wide. The
values are right justified.
REGISTER 4-1:
DAC0 AND DAC1 REGISTERS (VOLATILE)
U-0
U-0
U-0
U-0
R/W-0R/W-0 R/W-0 R/W-0 R/W-0R/W-0 R/W-0R/W-0 R/W-0R/W-0 R/W-0 R/W-0
12-bit
—
—
—
—
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
10-bit
—
—
—
—
—(1)
—(1)
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
8-bit
—
—
—
—
—(1)
—(1)
—(1)
—(1)
D07
D06
D05
D04
D03
D02
D01
D00
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= 12-bit device
=
10-bit device
= 8-bit device
12-bit
10-bit
8-bit
bit 15-12 bit 15-10 bit 15-8
Unimplemented:
Read as ‘0’
bit 11-0
—
—
D11-D00:
DAC Output value - 12-bit devices
FFFh = Full-Scale output value
7FFh = Mid-Scale output value
000h =Zero-Scale output value
—
bit 9-0
—
D09-D00:
DAC Output value - 10-bit devices
3FFh = Full-Scale output value
1FFh = Mid-Scale output value
000h =Zero-Scale output value
——bit 7-0
D07-D00:
DAC Output value - 8-bit devices
FFh
= Full-Scale output value
7Fh
= Mid-Scale output value
000h =Zero-Scale output value
Note 1:
Unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com