Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 23Page - Microchip Technology MCP47FVBX1 Datasheet HTML 24Page - Microchip Technology MCP47FVBX1 Datasheet HTML 25Page - Microchip Technology MCP47FVBX1 Datasheet HTML 26Page - Microchip Technology MCP47FVBX1 Datasheet HTML 27Page - Microchip Technology MCP47FVBX1 Datasheet HTML 28Page - Microchip Technology MCP47FVBX1 Datasheet HTML 29Page - Microchip Technology MCP47FVBX1 Datasheet HTML 30Page - Microchip Technology MCP47FVBX1 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 27
MCP47FVBXX
3.0
PIN DESCRIPTIONS
Overviews of the pin functions are provided in
Sections 3.1 “Positive Power Supply Input (VDD)”
through Section 3.8 “I2C - Serial Data Pin (SDA)”. The
descriptions of the pins for the single-DAC output
device are listed in Table 3-1, and descriptions for the
dual-DAC output device are listed in Table 3-2.
TABLE 3-1:
MCP47FVBX1 (SINGLE-DAC) PINOUT DESCRIPTION
Pin
Standard Function
TSSOP-8L
Symbol
I/O
Buffer
Type
1VDD
—
P
Supply Voltage pin
2VREF0
A
Analog
Voltage Reference Input pin
3VOUT0
A
Analog
Buffered analog voltage output pin
4
NC
—
—
Not Internally Connected
5VSS
—
P
Ground reference pin for all circuitries on the device
6
LAT0/HVC
I
HV ST
DAC register Latch/High-Voltage Command pin. Latch pin allows the
value in the Serial Shift register to transfer to the volatile DAC register.
High-Voltage command allows User Configuration bits to be written.
7SCL
I
ST
I2C™ Serial Clock pin
8
SDA
I/O
ST
I2C Serial Data pin
Legend:
A = Analog
ST = Schmitt Trigger
I = Input
O = Output
I/O = Input/Output
P = Power
TABLE 3-2:
MCP47FVBX2 (DUAL-DAC) PINOUT DESCRIPTION
Pin
Standard Function
TSSOP-8
Symbol
I/O
Buffer
Type
1VDD
—
P
Supply Voltage pin
2VREF
A
Analog
Voltage Reference Input pin (for DAC0 or DAC0 and DAC1)
3VOUT0
A
Analog
Buffered analog voltage output 0 pin (DAC0 output)
4VOUT1
A
Analog
Buffered analog voltage output 1 pin (DAC1 output)
5VSS
—
P
Ground reference pin for all circuitries on the device
6
LAT/HVC
I
HV ST
DAC register Latch/High-Voltage Command pin. Latch pin allows the
value in the Serial Shift register to transfer to the volatile DAC register(s)
(for DAC0 or DAC0 and DAC1). High-Voltage command allows User Con-
figuration bits to be written.
7SCL
I
ST
I2C™ Serial Clock pin
8
SDA
I/O
ST
I2C Serial Data pin
Legend:
A = Analog
ST = Schmitt Trigger
I = Input
O = Output
I/O = Input/Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com