Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 31Page - Microchip Technology MCP47FVBX1 Datasheet HTML 32Page - Microchip Technology MCP47FVBX1 Datasheet HTML 33Page - Microchip Technology MCP47FVBX1 Datasheet HTML 34Page - Microchip Technology MCP47FVBX1 Datasheet HTML 35Page - Microchip Technology MCP47FVBX1 Datasheet HTML 36Page - Microchip Technology MCP47FVBX1 Datasheet HTML 37Page - Microchip Technology MCP47FVBX1 Datasheet HTML 38Page - Microchip Technology MCP47FVBX1 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 35
MCP47FVBXX
Register 4-3 shows the format of the Power-Down
Control register. Each DAC has two bits to control the
Power-Down state of the DAC. This register is for the
volatile memory locations. The width of this register is
2 times the number of DACs for the device.
REGISTER 4-3:
POWER-DOWN CONTROL REGISTER (ADDRESS 09h)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0 R/W-0 R/W-0 R/W-0
Single
—
—
—
—
—
—
—
—
—
—
—
—
—(1)
—(1) PB0B PB0A
Dual
—
—
—
—
—
—
—
—
—
—
—
—
PB1B PB1A PB0B PB0A
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single-channel device
= Dual-channel device
Single
Dual
bit 15-2
bit 15-4
Unimplemented:
Read as ‘0’
bit 1-0
bit 3-0
PBxB-PBxA:
DAC Power-Down Control bits(2)
11
= Powered Down - VOUT is open circuit.
10
= Powered Down - VOUT is loaded with a 100 k resistor to ground.
01
= Powered Down - VOUT is loaded with a 1 k resistor to ground.
00
= Normal Operation (Not powered-down).
Note 1:
Unimplemented bit, read as ‘0’.
2:
See Table 5-5 and Figure 5-10 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com