Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 54Page - Microchip Technology MCP47FVBX1 Datasheet HTML 55Page - Microchip Technology MCP47FVBX1 Datasheet HTML 56Page - Microchip Technology MCP47FVBX1 Datasheet HTML 57Page - Microchip Technology MCP47FVBX1 Datasheet HTML 58Page - Microchip Technology MCP47FVBX1 Datasheet HTML 59Page - Microchip Technology MCP47FVBX1 Datasheet HTML 60Page - Microchip Technology MCP47FVBX1 Datasheet HTML 61Page - Microchip Technology MCP47FVBX1 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
MCP47FVBXX
DS20005405A-page 58
 2015 Microchip Technology Inc.
FIGURE 7-7:
Continuous Read Command Of Specified Address.
Control Byte
Read Command
S0
AD
AD AD AD AD
A1 1 X A Sr
1
2
3
4
I2C™ Slave Address
Memory Address Command
Control Byte
Read bits
D
DD D D
D D D
A
D
DD DD
DD D
A
1A
Read Data bits
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
0
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
I2C Slave Address
Read bits
D
DDD D
D D D
A
D
DDDD
DD D
A
Read Data bits
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
Read bits
D
DDD D
D D D
A
D
DDD D
D D D
A
Read Data bits
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
P
Write bit
Repeated Start bit
Start bit
ACK bit (1)
ACK bit (1)
Read bit
ACK bit (4)
ACK bit (5)
Stop bit (2, 3)
ACK bit (1)
ACK bit (5)
ACK bit (4)
ACK bit (4)
ACK bit (5)
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
At the falling edge of the SCL pin for the Read command ACK bit, the MCP47FVBXX device updates
the value of the specified device register.
3:
This command sequence does not need to terminate (using the Stop bit), and the Read command can
be repeated (see continuous read format, Section 7.2.2 “Continuous Reads”).
4:
Master Device is responsible for A / A signal. If a A signal occurs, the MCP47FVBXX will abort this
transfer and release the bus.
5:
The Master Device will Not Acknowledge, and the MCP47FVBXX will release the bus so the Master
Device can generate a Stop or Repeated Start condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com