Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 59Page - Microchip Technology MCP47FVBX1 Datasheet HTML 60Page - Microchip Technology MCP47FVBX1 Datasheet HTML 61Page - Microchip Technology MCP47FVBX1 Datasheet HTML 62Page - Microchip Technology MCP47FVBX1 Datasheet HTML 63Page - Microchip Technology MCP47FVBX1 Datasheet HTML 64Page - Microchip Technology MCP47FVBX1 Datasheet HTML 65Page - Microchip Technology MCP47FVBX1 Datasheet HTML 66Page - Microchip Technology MCP47FVBX1 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 63
MCP47FVBXX
8.3
Application Examples
The MCP47FVBXX devices are rail-to-rail output DACs
designed to operate with a VDD range of 2.7V to 5.5V.
The internal output op amplifier is robust enough to
drive common, small-signal loads directly, thus
eliminating the cost and size of external buffers for
most applications. The user can use the gain of 1 or 2
of the output op amplifier by setting the Configuration
register bits. Internal VDD can be used as the reference
or use an external reference. Various user options and
easy-to-use features make the devices suitable for var-
ious modern DAC applications.
Application examples include:
• Decreasing Output Step Size
• Building a “Window” DAC
• Bipolar Operation
• Selectable Gain and Offset Bipolar Voltage Output
• Designing a Double-Precision DAC
• Building Programmable Current Source
• Serial Interface Communication Times
• Software I2C Interface Reset Sequence
• Power Supply Considerations
• Layout Considerations
8.3.1
DC SET POINT OR CALIBRATION
A common application for the devices is a
digitally-controlled set point and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP47FVB2X provides 4096 output
steps. If voltage reference is 4.096V (where Gx = ‘0’),
the LSb size is 1 mV. If a smaller output step size is
desired, a lower external voltage reference is needed.
8.3.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve small step size are to use
a lower VREF pin voltage or a voltage divider on the
DAC’s output.
Using an external voltage reference (VREF) is an option
if the external reference is available with the desired
output voltage range. However, when using a low-volt-
age reference voltage, occasionally the noise floor
causes a SNR error that is intolerable. Using a voltage
divider method is another option, and provides some
advantages when external voltage reference needs to
be very low, or when the desired output voltage is not
available. In this case, a larger value reference voltage
is used, while two resistors scale the output range
down to the precise desired level.
Figure 8-3 illustrates this concept. A bypass capacitor
on the output of the voltage divider plays a critical
function in attenuating the output noise of the DAC and
the induced noise from the environment.
FIGURE 8-3:
Example Circuit Of Set Point
or Threshold Calibration.
EQUATION 8-1:
VOUT AND VTRIP
CALCULATIONS
R1
VCC+
VCC–
VOUT
I2C™
2-wire
VREF
Optional
MCP47FVBXX
VDD
VO
R2
C1
RSENSE
Comp.
VDD
VTRIP
V
trip
V
OUT
R
2
R
1
R
2
+
--------------------



=
VOUT = VREF • G •
DAC Register Value
2N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com