Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 53Page - Microchip Technology MCP47FVBX1 Datasheet HTML 54Page - Microchip Technology MCP47FVBX1 Datasheet HTML 55Page - Microchip Technology MCP47FVBX1 Datasheet HTML 56Page - Microchip Technology MCP47FVBX1 Datasheet HTML 57Page - Microchip Technology MCP47FVBX1 Datasheet HTML 58Page - Microchip Technology MCP47FVBX1 Datasheet HTML 59Page - Microchip Technology MCP47FVBX1 Datasheet HTML 60Page - Microchip Technology MCP47FVBX1 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 57
MCP47FVBXX
FIGURE 7-6:
I2C ACK/NACK Behavior (Read Command Example).
Write 1 Byte Command
SSlave Address
R
/
W
A
C
K Command
A
C
K
Master
S S
A
6
S
A
5
S
A
4
S
A
3
S
A
2
S
A
1
S
A
0
01 A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
x1
S
r Slave Address
R
/
W
A
C
KData Byte
A
C
K Data Byte
A
C
KP
Master (Continued)
S
r
S
A
6
S
A
5
S
A
4
S
A
3
S
A
2
S
A
1
S
A
0
11 D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
0
9
D
0
8
1D
0
7
D
0
6
D
0
5
D
0
4
D
0
3
D
0
2
D
0
1
D
0
0
1P
Ex.1 (No Command Error)
Master
S 1 1 0 0 000 01 000 01 11x 1
MCP47FVBXXA0
0
0
I2C™ Bus S 11 00 000 00 000 00 11x 0
Master (Continued)
S 000 01 001 1
1
1P
MCP47FVBXXA0 (Continued)
0 d d d d d d d d 0 d d d d d d d d 0
I2C Bus (Continued)
S 000 00 001 0d ddd dd dd0 dd ddd dd d0P
Ex.2 (With Command Error)
Master
S 1 1 0 0 000 01 011 11 00x 1
MCP47FVBXXA0
0
1
I2C Bus
S 11 00 000 00 011 11 00x 1
Master (Continued)
S 110 00 001 1
1
1P
MCP47FVBXXA0 (Continued)
0 ? ? ? ? ? ? ? ? 0 ? ? ? ? ? ? ? ? 1
I2C Bus (Continued)
S 110 00 001 0? ??? ?? ??0 ?? ??? ?? ?1P
Note 1:
Once a Command Error has occurred (Example 2), the MCP47FVBXX will NACK until a Start condition
occurs.
2:
For Command Error case (Example 2), the data read is from the register of the last valid address loaded
into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com